Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3568 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części 2SK3568
Szczegółowy opis  Silicon N Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3568 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  2SK3568 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3568 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3568 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3568 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3568 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3568 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3568
2006-11-06
4
1
0.1
10
100
1000
10000
1
10
100
Ciss
Coss
Crss
0
1
2
3
5
−80
−40
0
40
80
120
160
4
50
20
0
0
40
80
120
160
10
30
40
0
0.1
−0.2
1
10
100
−0.6
−0.8
−1.2
VGS = 0, −1 V
10
5
1
3
−0.4
−1.0
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE – VDS
COMMON SOURCE
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
CASE TEMPERATURE Tc (°C)
PD – Tc
DRAIN-SOURCE VOLTAGE VDS (V)
IDR – VDS
COMMON SOURCE
Tc
= 25°C
PULSE TEST
CASE TEMPERATURE Tc (°C)
Vth – Tc
COMMON SOURCE
VDS = 10 V
ID = 1 mA
PULSE TEST
160
−40
0
40
80
120
−80
2.5
2.0
1.5
1.0
0.5
0
ID = 12A
3
6
VGS = 10 V
CASE TEMPERATURE Tc (°C)
RDS (ON) – Tc
COMMON SOURCE
PULSE TEST
TOTAL GATE CHARGE Qg (nC)
DYNAMIC INPUT / OUTPUT
CHARACTERISTICS
0
10
40
50
60
500
200
100
300
400
0
30
20
20
8
4
12
16
0
VDD = 100 V
VDS
VGS
400
200
Common source
ID = 12 A
Tc
= 25°C
Pulse test


Podobny numer części - 2SK3568

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK3568 TOSHIBA-2SK3568 Datasheet
200Kb / 6P
   Switching Regulator Applications
logo
Inchange Semiconductor ...
2SK3568 ISC-2SK3568 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3568 TOSHIBA-2SK3568 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3568 TOSHIBA-2SK3568_09 Datasheet
200Kb / 6P
   Switching Regulator Applications
More results

Podobny opis - 2SK3568

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com