Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP3064S Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP3064S
Szczegółowy opis  GaAlAs IRED & PHOTO-TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3064S Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP3064S Datasheet HTML 1Page - Toshiba Semiconductor TLP3064S Datasheet HTML 2Page - Toshiba Semiconductor TLP3064S Datasheet HTML 3Page - Toshiba Semiconductor TLP3064S Datasheet HTML 4Page - Toshiba Semiconductor TLP3064S Datasheet HTML 5Page - Toshiba Semiconductor TLP3064S Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3064(S)
2007-10-01
1
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-TRIAC
TLP3064(S)
OFFICE MACHINE
HOUSEHOLD USE EQUIPMENT
TRIAC DRIVER
SOLID STATE RELAY
The TOSHIBA TLP3064(S) consists of a zero voltage crossing turn-on
photo-triac optically coupled to a GaAlAs infrared emitting diode in a six
lead plastic DIP package.
• Peak Off-State Voltage
: 600V(Min)
• Trigger LED Current
: 3mA(Max)
• On-State Current
: 100mA(Max)
• Isolation Voltage
: 5000Vrms(Min)
• UL Recognized
: UL1577,File No.E67349
• SEMKO Approved
: SS EN60065
SS EN60950, File No.9841113
• BSI Approved
: BS EN60065, File No.8385
BS EN60950, File No.8386
• Option (D4) type
VDE approved: DIN EN60747-5-2
Approved No. 40009302
Maximum operating insulation voltage: 890VPK
Highest permissible over voltage: 8000VPK
(Note):When a EN60747-5-2 approved type is needed,
please designate the "Option (D4)"
Construction Mechanical Rating
7.62 mm pich
Standard Type
10.16 mm pich
TLPxxxxF Type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (Min)
7.0 mm (Min)
0.5 mm (Min)
8.0 mm (Min)
8.0 mm (Min)
0.5 mm (Min)
Unit: in mm
JEDEC
TOSHIBA
11-7A9
Weight: 0.39 g
1: Anode
2: Cathode
3: N.C.
4:Terminal 1
6:Terminal 2
ZC:Zero-cross Circuit
1
2
3
4
6
ZC
Pin Configuration
(top view)


Podobny numer części - TLP3064S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Podobny opis - TLP3064S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
   TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP363J TOSHIBA-TLP363J Datasheet
182Kb / 7P
   GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_07 Datasheet
181Kb / 7P
   GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J_07 Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP360J TOSHIBA-TLP360J_07 Datasheet
158Kb / 6P
   GaAs Ired & Photo-Triac
TLP360JF TOSHIBA-TLP360JF Datasheet
120Kb / 2P
   GaAs Ired & Photo-Triac
TLP363JF TOSHIBA-TLP363JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com