Zakładka z wyszukiwarką danych komponentów |
|
ADS1282 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
ADS1282 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 42 page www.ti.com ORDERING INFORMATION ABSOLUTE MAXIMUM RATINGS (1) ADS1282 SBAS418A – SEPTEMBER 2007 – REVISED DECEMBER 2007 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. Over operating free-air temperature range (unless otherwise noted). ADS1282 UNIT AVDD to AVSS –0.3 to +5.5 V AVSS to DGND –2.8 to +0.3 V DVDD to DGND –0.3 to +3.9 V Input current 100, momentary mA Input current 10, continuous mA Analog input voltage AVSS – 0.3 to AVDD + 0.3 V Digital input voltage to DGND –0.3 to DVDD + 0.3 V Maximum junction temperature +150 °C Operating temperature range –40 to +125 °C Storage temperature range –60 to +150 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. 2 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): ADS1282 |
Podobny numer części - ADS1282 |
|
Podobny opis - ADS1282 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |