Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1282IPW Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1282IPW
Szczegółowy opis  High-Resolution Analog-to-Digital Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPW Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS1282IPW Datasheet HTML 4Page - Texas Instruments ADS1282IPW Datasheet HTML 5Page - Texas Instruments ADS1282IPW Datasheet HTML 6Page - Texas Instruments ADS1282IPW Datasheet HTML 7Page - Texas Instruments ADS1282IPW Datasheet HTML 8Page - Texas Instruments ADS1282IPW Datasheet HTML 9Page - Texas Instruments ADS1282IPW Datasheet HTML 10Page - Texas Instruments ADS1282IPW Datasheet HTML 11Page - Texas Instruments ADS1282IPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
www.ti.com
ANALOG INPUTS AND MULTIPLEXER
AVSS
0.7V<(AINNorAINP)<AVDD
1.25V
-
-
(1)
NOISE PERFORMANCE
IDLE TONES
OPERATING MODE
S
1
S
2
S
3
S
4
S
5
S
6
AINP1
AINP2
AINN2
AINN1
AVSS
AVDD
S
7
(+)
( )
-
ToPGA
AVDD+AVSS
2
400W
400W
ADS1282
SBAS418A – SEPTEMBER 2007 – REVISED DECEMBER 2007
The RESET input resets the register settings and
also restarts the conversion process. The PWDN
A diagram of the input multiplexer is shown in
input sets the device into a micro-power state. Note
Figure 2. The specified input operating range of the
that register settings are not retained in PWDN mode.
inputs are shown in Equation 1:
Use the STANDBY command in its place if it is
desired to retain register settings (the quiescent
current in the Standby mode is slightly higher).
ESD diodes protect the multiplexer inputs. If either
input is taken below AVSS – 0.3V or above AVSS +
Noise-immune
Schmitt-trigger
and
clock-qualified
0.3V, the ESD protection diodes may turn on. If these
inputs
(RESET
and
SYNC)
provide
increased
conditions are possible, external Schottky clamp
reliability in high-noise environments. The serial
diodes and/or series resistors may be required to limit
interface is used to read conversion data, in addition
the input current to safe values (see the Absolute
to reading and writing to the configuration registers.
Maximum Ratings table).
The ADS1282 offers outstanding noise performance
(SNR). SNR depends on the data rate and the PGA
setting. As the bandwidth is decreased by decreasing
the data rate, the SNR improves correspondingly.
Table 1 summarizes the typical noise performance
with inputs shorted.
The ADS1281 modulator incorporates an internal
dither signal that randomizes the idle tone energy.
Low-level idle tones may still be present, typically
–137dB below full-scale. The low-level idle tones can
be shifted out of the passband with the application of
an external 20mV offset.
For applications where minimal power consumption is
important, the low-power mode can be selected
(register bit MODE = 0). In low-power mode, the
power is reduced from 27mW to 17mW and SNR
Figure 2. Analog Inputs and Multiplexer
degrades by 3dB.
Table 1. Noise Performance (Typical(1))
PGA (High-Resolution Mode)
PGA (Low-Power Mode)
DATA RATE
(SPS)
1
2
4
8
16
32
64
1
2
4
8
16
32
64
250
130
130
129
128
125
119
114
127
127
126
125
122
116
111
500
127
127
126
125
122
116
111
124
124
123
122
119
113
108
1000
124
124
123
122
119
113
108
121
121
120
119
116
110
105
2000
121
121
120
119
116
111
106
118
118
117
116
113
108
103
4000
118
118
117
116
113
108
103
115
115
114
113
110
105
100
(1)
VIN = 20mVDC.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1282


Podobny numer części - ADS1282IPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1282IPW TI-ADS1282IPW Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282IPW TI-ADS1282IPW Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282IPW TI1-ADS1282IPW Datasheet
1Mb / 61P
[Old version datasheet]    Radiation Tolerant High-Resolution Delta Sigma ADC
ADS1282IPWG4 TI-ADS1282IPWG4 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282IPWG4 TI-ADS1282IPWG4 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results

Podobny opis - ADS1282IPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com