Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1282IPWR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1282IPWR
Szczegółowy opis  High-Resolution Analog-to-Digital Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 2Page - Texas Instruments ADS1282IPWR Datasheet HTML 3Page - Texas Instruments ADS1282IPWR Datasheet HTML 4Page - Texas Instruments ADS1282IPWR Datasheet HTML 5Page - Texas Instruments ADS1282IPWR Datasheet HTML 6Page - Texas Instruments ADS1282IPWR Datasheet HTML 7Page - Texas Instruments ADS1282IPWR Datasheet HTML 8Page - Texas Instruments ADS1282IPWR Datasheet HTML 9Page - Texas Instruments ADS1282IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
www.ti.com
TIMING DIAGRAM
SCLK
DIN
DOUT
t
SCLK
t
SPWH
t
SCDL
t
DIST
t
DIHD
t
SPWL
t
SCDL
t
DOHD
t
DOPD
TIMING REQUIREMENTS
ADS1282
SBAS418A – SEPTEMBER 2007 – REVISED DECEMBER 2007
At TA = –40°C to +85°C and DVDD = 1.65V to 3.6V, unless otherwise noted.
PARAMETER
DESCRIPTION
MIN
MAX
UNITS
tSCLK
SCLK period
2
16
1/fCLK
tSPWH, L
SCLK pulse width, high and low(1)
0.8
10
1/fCLK
tDIST
DIN valid to SCLK rising edge: setup time
50
ns
tDIHD
Valid DIN to SCLK rising edge: hold time
50
ns
tDOPD
SCLK falling edge to valid new DOUT: propagation delay(2)
100
ns
tDOHD
SCLK falling edge to DOUT invalid: hold time
0
ns
Final SCLK rising edge of command to first SCLK rising edge for register read/write
tSCDL
24
1/fCLK
data. (Also between consecutive commands.)
(1)
Holding SCLK low for 64 DRDY falling edges resets the serial interface.
(2)
Load on DOUT = 20pF || 100k
Ω.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1282


Podobny numer części - ADS1282IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1282IPWR TI-ADS1282IPWR Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282IPWR TI-ADS1282IPWR Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282IPWR TI1-ADS1282IPWR Datasheet
1Mb / 61P
[Old version datasheet]    Radiation Tolerant High-Resolution Delta Sigma ADC
ADS1282IPWRG4 TI-ADS1282IPWRG4 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282IPWRG4 TI-ADS1282IPWRG4 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results

Podobny opis - ADS1282IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com