Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF1902PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF1902PBF
Szczegółowy opis  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF1902PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF1902PBF Datasheet HTML 1Page - International Rectifier IRF1902PBF Datasheet HTML 2Page - International Rectifier IRF1902PBF Datasheet HTML 3Page - International Rectifier IRF1902PBF Datasheet HTML 4Page - International Rectifier IRF1902PBF Datasheet HTML 5Page - International Rectifier IRF1902PBF Datasheet HTML 6Page - International Rectifier IRF1902PBF Datasheet HTML 7Page - International Rectifier IRF1902PBF Datasheet HTML 8Page - International Rectifier IRF1902PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF1902PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V
TJ = 25°C, IS = 2.5A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
38
57
ns
TJ = 25°C, IF = 2.5A
Qrr
Reverse Recovery Charge
–––
42
63
nC
di/dt = 100A/µs
‚
Source-Drain Ratings and Characteristics
A
17
–––
–––
–––
4.2
–––
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.019 –––
V/°C
Reference to 25°C, ID = 1mA
–––
–––
85
VGS = 4.5V, ID = 4.0A
‚
–––
–––
170
VGS = 2.7V, ID = 3.2A
‚
VGS(th)
Gate Threshold Voltage
0.70
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
5.6
–––
–––
S
VDS = 10V, ID = 4.0A
–––
–––
1.0
VDS = 16V, VGS = 0V
–––
–––
25
VDS = 16V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 12V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -12V
Qg
Total Gate Charge
–––
5.0
7.5
ID = 4.2A
Qgs
Gate-to-Source Charge
–––
1.2
–––
nC
VDS = 10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
1.8
–––
VGS = 4.5V
td(on)
Turn-On Delay Time
–––
5.9
–––
VDD = 10V
‚
tr
Rise Time
–––
13
–––
ID = 1.0A
td(off)
Turn-Off Delay Time
–––
23
–––
RG = 53Ω
tf
Fall Time
–––
19
–––
VGS = 4.5V
Ciss
Input Capacitance
–––
310
–––
VGS = 0V
Coss
Output Capacitance
–––
130
–––
pF
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
55
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
m
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
S
D
G


Podobny numer części - IRF1902PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1902 IRF-IRF1902 Datasheet
107Kb / 9P
   Power MOSFET(Vdss=20V)
IRF1902TRPBF IRF-IRF1902TRPBF Datasheet
139Kb / 9P
   Ultra Low On-Resistance
More results

Podobny opis - IRF1902PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com