Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP86C820UG Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TMP86C820UG
Szczegółowy opis  8 Bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86C820UG Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TMP86C820UG Datasheet HTML 1Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 2Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 3Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 4Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 5Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 6Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 7Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 8Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 160 page
background image
TMP86C820UG
Note 1: TMP86FM29 has a CPU wait function which is a warming up (CPU halt) of CPU for stabilizing of power supply of
Flash memory. Even though TMP86CM29L doesn’t have a Flash memory, the CPU wait function is inserted to
keep the compatibility with Flash product (TMP86FM29). During the CPU wait period except RESET, CPU is
halted but peripheral functions are not halted. Therefore, if the interrupt occurs during the CPU wait period, the
interrupt latch (IL) is set and when IMF has been set to "1", the interrupt service routine might be executed after
CPU wait period . For details, please refer to "Flash Memory" in TMP86FM29 data sheet. TMP86FM29 (Flash
product) should be used as non-volatile product to confirm the software of TMP86CM29L because of the above
reason. And TMP86PM29A/PM29B (OTP product) should be used as non-volatile product to confirm the software
of TMP86C829B/CH29B/CM29B.
Note 1: TMP86FM29/CM29L can't use LCD panel which is driven by 5V because the maximum recommended voltage is
3.6V. Therefore, the voltage level of V3 pin always should be under 3.6V.
Note 2: The operating temperature of TMP86FM29/CM29L in Type-1 and Type-2 is -10 ℃ to 85 ℃ . For details, please
refer to "LCD Driver" and "Electrical Characteristics" in data sheet.
Note 3: The operating temperature of TMP86C829B/CH29B/CM29B in all Types (Type 1 to 5) is -40 ℃ to 85 ℃ . However,
there is a voltage level limitation of V3 and VDD pin in each type. For details, please refer to "LCD Driver" and
"Electrical Characteristics" in data sheet.
Condition
Wait Time‘
Halt/Operate
CPU
Peripherals
After reset release
210/fc [s]
Halt
Halt
Changing from STOP mode to NORMAL mode
(at EEPCR<MNPWDW>="1"
210/fc [s]
Halt
Operate
Changing from STOP mode to SLOW mode
(at EEPCR<MNPWDW>="1")
23/fc [s]
Halt
Operate
Changing from IDLE0/1/2 mode to NORMAL mode
(at EEPCR<MNPWDW>="0")
210/fc [s]
Halt
Operate
Changing from SLEEP0/1/2 mode to SLOW mode
(at EEPCR<MNPWDW>="0")
23/fc [s]
Halt
Operate
Type-1
(Reference pin =V1)
Type-2
(Reference pin =V1)
Type-3
(Reference pin =V2)
Type-4
(Reference pin =V3)
Type-5
(Reference pin =V3)
V3
V2
V1
C1
C0
VDD
VSS
Reference
Voltage
C
C
C
V3
V2
V1
C1
C0
VDD
VSS
Reference
Voltage
C
C
C
V3
V2
V1
C1
C0
VDD
VSS
Reference
Voltage
C
C
C
C
V3
V2
V1
C1
C0
VDD
VSS
Reference
Voltage
C
C
C
C
V3
V2
V1
C1
C0
VDD
VSS
C
C
C
C


Podobny numer części - TMP86C820UG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMP86C820U TOSHIBA-TMP86C820U Datasheet
592Kb / 12P
   High-speed, High-performance and low power consumption 8-bit microcomuter including ROM,RAM,LCD driver, multi function timer
More results

Podobny opis - TMP86C820UG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com