Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP86C820UG Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TMP86C820UG
Szczegółowy opis  8 Bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86C820UG Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TMP86C820UG Datasheet HTML 1Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 2Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 3Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 4Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 5Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 6Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 7Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 8Page - Toshiba Semiconductor TMP86C820UG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 160 page
background image
TMP86C820UG
The Functional Differences on Products basis: TMP86CM29L, TMP86Cx29B, TMP86CH21
and TMP86Cx20
Note 1: UART and SIO can not use function synchronously because each function pins are shared.
Note 2: With TMP86CH21AUG the operating temperature (Topr) is -20 ℃ to 85 ℃ when the supply voltage VDD is less than 2.0V.
Note 3: TMP86C820/420 don’t have the timer/counter-6 input/output and UART input/output.
Note 4: The electrial characteristics of TMP86CM29LUG are different from that of TMP86C829/CH29/CM29B, TMP86CH21/
CH21A and TMP86C420/C820. For details, please refer to "Electrical Characteristics" in data sheet of TMP86CM29LUG.
Note 5: The operating temperature (Topr) of AD characteristics of all products (TMP86C420/C820/CH21/CH21A/C829B/CH29B/
CM29B/CM29L) is -10 ℃ to 85 ℃ when the supply voltage VDD is less than 2.0V. For details, please refer to "AD Conver-
sion Characteristics" in data sheet of each product.
Note 6: The characteristic of power supply current differs in each product. For details, please refer to "Electirical Characteristics"
in data sheet of each product.
Products name
TMP86CM29L
TMP86C829B
TMP86CH29B
TMP86CM29B
TMP86CH21
TMP86CH21A
TMP86C420
TMP86C820
ROM
32 K bytes
C829: 8K bytes
CH29: 16K bytes
CM29: 32K bytes
16K bytes
C420: 4K bytes
C820: 8K bytes
RAM
1.5K bytes
C829: 512bytes
CH29: 1.5K bytes
CM29: 1.5K bytes
512bytes
256bytes
I/O port
39 pins
Minumum command
execution time
0.25
µsec at 16MHz
Supply Voltage
1.8V to 3.6V at 8.0MHz/
32.768kHz
2.7V to 3.6V at 16MHz/
32.768kHz
(Note4)
1.8V to 5.5V at 4.2MHz/32.768kHz
2.7V to 5.5V at 8.0MHz/32.768kHz
4.5V to 5.5V at 16MHz/32.768kHz
18-bit Timer counter
1ch
(ECIN input is both edge or single edge)
1ch
(ECIN input is single edge)
8-bit Timer counter
4ch
2ch
Time base timer
1ch
Watch dog timer
1ch
UART/SIO
1ch (Note1)
N.A.
SIO
N.A
1ch
Key-on wakeup
4ch
A/D converter
10-bit A/D: 8ch
8-bit A/D: 8ch
LCD driver
32SEG x 4COM
Operating Temperature
-40 to 85 ℃
-40 to 85 ℃ (Note2)
-40 to 85 ℃
Package(Body size)
LQFP64(10x10mm)
QFP64(14x14mm)
LQFP64(10x10mm)
Package
(P-QFP64-1010-0.80C)
N.A
TMP86C829BFG
TMP86CH29BFG
TMP86CM29BFG
TMP86CH21FG
TMP86C420FG
TMP86C820FG
Package
(P-LQFP64-1010-0.50E)
N.A
TMP86C829BUG
TMP86CH29BUG
TMP86CM29BUG
TMP86CH21UG
TMP86C420UG
TMP86C820UG
Package
(P-LQFP64-1010-0.50D)
TMP86CM29LUG
N.A.
TMP86CH21AUG
N.A.


Podobny numer części - TMP86C820UG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMP86C820U TOSHIBA-TMP86C820U Datasheet
592Kb / 12P
   High-speed, High-performance and low power consumption 8-bit microcomuter including ROM,RAM,LCD driver, multi function timer
More results

Podobny opis - TMP86C820UG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com