Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP19A43FD Arkusz danych(PDF) 11 Page - Toshiba Semiconductor

Numer części TMP19A43FD
Szczegółowy opis  32-bit RISC Microprocessor
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP19A43FD Arkusz danych(HTML) 11 Page - Toshiba Semiconductor

Back Button TMP19A43FD Datasheet HTML 7Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 8Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 9Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 10Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 11Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 12Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 13Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 14Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
TMP19A43
TMP19A43 (rev2.0) 2-6
Pin Layout and Pin Functions
Table 2-5
Pin Names and Functions (4 of 6)
Pin name
Number
of pins
Input or
output
Function
PA4
1
Input/output
Port A4: Input/output port (with pull-up)
TB8IN0
Input
16-bit timer 8 input 0: For inputting the capture trigger of a 16-bit timer 8
INT4
Input
Interrupt request pin 0: Selectable between "H" level, "L" level, rising edge, falling edge, and
both rising and falling edges
Input pin with Schmitt trigger
with Noise filter
PA5
1
Input/output
Port A5: Input/output port (with pull-up)
TB8IN1
Input
16-bit timer 8 input 1: For inputting the capture trigger of a 16-bit timer 8
INT5
Input
Interrupt request pin 1: Selectable between "H" level, "L" level, rising edge, falling edge, and
both rising and falling edges
Input pin with Schmitt trigger
with Noise filter
PA6
1
Input/output
Port A6: Input/output port (with pull-up)
TB2IN0
Input
16-bit timer 2 input 0: For inputting the capture trigger of a 16-bit timer 2
PA7
Input/output
Port A7: Input/output port (with pull-up)
TB2IN1
Input
16-bit timer 2 input 1: For inputting the capture trigger of a 16-bit timer 2
PB0
1
Input/output
Port B0: Input/output port (with pull-up)
TB3IN0
Input
16-bit timer 3 input 0: For inputting the capture trigger of a 16-bit timer 3
PB1
1
Input/output
Port B1: Input/output port (with pull-up)
TB3IN1
Input
16-bit timer 3 input 1: For inputting the capture trigger of a 16-bit timer 3
PB2
1
Input/output
Port B2: Input/output port (with pull-up)
HTXD0
Output
Sending serial data 0 at high speeds: Open drain output pin depending on the program used
PB3
1
Input/output
Port B3: Input/output port (with pull-up)
HRXD0
Input
Receiving serial data 0 at high speeds
PB4
1
Input/output
Port B4: Input/output port (with pull-up)
HSCLK0
Input/output
High-speed serial clock input/output 0
HCTS0
Input
Handshake input pin:
Open drain output pin depending on the program used
PB5
1
Input/output
Port B5: Input/output port (with pull-up)
HTXD1
Output
Sending serial data 1 at high speeds: Open drain output pin depending on the program used
PB6
1
Input/output
Port B6: Input/output port (with pull-up)
HRXD1
Input
Receiving serial data 1 at high speeds
PB7
1
Input/output
Port B7: Input/output port (with pull-up)
HSCLK1
Input/output
High-speed serial clock input/output 1
HCTS1
Input
Handshake input pin:
Open drain output pin depending on the program used
PC0
1
Input/output
Port C0: Input/output port (with pull-up)
TBTIN
Input
32-bit time base timer input: For inputting a 32-bit time base timer
KEY30
KEY on wake up input 30: (Dynamic pull up is selectable)
Input with Schmitt trigger
with Noise filter
PC1-PC4
4
Input/output
Ports C1 to C4: Input/output ports (with pull-up) that allow input/output to be set in units of
bits
TCOUT0-
Output
Outputting 32-bit timer if the result of a comparison is a match
TCOUT3
PC5
1
Input/output
Port C5: Input/output port (with pull-up)
SO
Output
Pin for sending data if the serial bus interface operates in the SIO mode
SDA
Input/output
Pin for sending and receiving data if the serial bus interface operates in the I2C mode
Open drain output pin depending on the program used
Input with Schmitt trigger
PC6
1
Input/output
Port C6: Input/output port (with pull-up)
SI
Input
Pin for receiving data if the serial bus interface operates in the SIO mode
SCL
Input/output
Pin for inputting and outputting a clock if the serial bus interface operates in the I2C mode
Open drain output pin depending on the program used
Input with Schmitt trigger
PC7
1
Input/output
Port C7: Input/output port (with pull-up)
SCK
Input/output
Pin for inputting and outputting a clock if the serial bus interface operates in the SIO mode
Open drain output pin depending on the program used


Podobny numer części - TMP19A43FD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
TMP19A43CZXBG TOSHIBA-TMP19A43CZXBG Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
More results

Podobny opis - TMP19A43FD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com