Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7WG125FK Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TC7WG125FK
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG125FK Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TC7WG125FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 7Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 8Page - Toshiba Semiconductor TC7WG125FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC7WG125FU/FK
2007-11-01
2
Truth Table
Inputs
Outputs
G
A
Y
H
X
Z
L
L
L
L
H
H
X: Don’t Care
Z: High impedance
IEC Logic Symbol
Operating Ranges
Characteristics
Symbol
Value
Unit
Power supply voltage
VCC
0.9~3.6
V
Input voltage
VIN
0~5.5
V
0~3.6
(Note 4)
Output voltage
VOUT
0~VCC
(Note 5)
V
±8.0
(Note 6)
±4.0
(Note 7)
±3.0
(Note 8)
±1.7
(Note 9)
±0.3
(Note 10)
Output Current
IOH/IOL
±0.02
(Note 11)
mA
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dV
0~10
(Note 12)
ns/V
Note 4: VCC = 0V
Note 5: High or Low state
Note 6: VCC = 3.0~3.6 V
Note 7: VCC = 2.3~2.7 V
Note 8: VCC = 1.65~1.95 V
Note 9: VCC = 1.4~1.6 V
Note 10: VCC = 1.1~1.3 V
Note 11: VCC = 0.9 V
Note 12: VIN = 0.8~2.0 V, VCC = 3.0 V
G1
A1
Y1
EN
G2
A2
Y2


Podobny numer części - TC7WG125FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WG125FK TOSHIBA-TC7WG125FK_09 Datasheet
234Kb / 9P
   Dual Bus Buffer with 3-STATE Output
More results

Podobny opis - TC7WG125FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WG125FC TOSHIBA-TC7WG125FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FC TOSHIBA-TC7WG126FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FU TOSHIBA-TC7WG126FU Datasheet
215Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
logo
KEC(Korea Electronics)
KIC7SZ125FU KEC-KIC7SZ125FU Datasheet
83Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT BUS BUFFER, 3-STATE OUTPUT
logo
Toshiba Semiconductor
TC74AC367P TOSHIBA-TC74AC367P_07 Datasheet
268Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Bus Buffer (3-state)
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com