Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7SZ32F Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC7SZ32F
Szczegółowy opis  2 Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ32F Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC7SZ32F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ32F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ32F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ32F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ32F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ32F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ32F_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7SZ32F/FU
2007-11-01
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
2.0
4.6
10.0
2.0
10.5
2.5
± 0.2
0.8
3.0
7.0
0.8
7.5
3.3
± 0.3
0.5
2.4
4.7
0.5
5.0
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
1.9
4.1
0.5
4.4
3.3
± 0.3
1.5
3.0
5.2
1.5
5.5
Propagation delay time
tpLH
tpHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.8
2.4
4.5
0.8
4.8
ns
Input capacitance
CIN
0~5.5
4
pF
3.3
20
Power dissipation capacitance
CPD
(Note 4)
5.5
26
pF
Note 4: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC


Podobny numer części - TC7SZ32F_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SZ32FE TOSHIBA-TC7SZ32FE Datasheet
159Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ32FU TOSHIBA-TC7SZ32FU Datasheet
174Kb / 7P
   2-Input OR Gate
More results

Podobny opis - TC7SZ32F_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com