Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7SZ38F Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TC7SZ38F
Szczegółowy opis  2-Input NAND Gate(Open Drain Output)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ38F Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TC7SZ38F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ38F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ38F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ38F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ38F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ38F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ38F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7SZ38F/FU
2007-11-01
2
Logic Diagram
Truth Table
Input
Output
A
B
Y
L
L
*Z
L
H
*Z
H
L
*Z
H
H
L
*: High Impedance
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.8~5.5
Supply voltage
VCC
1.5~5.5
(Note 1)
V
Input voltage
VIN
0~5.5
V
0~5.5
(Note 2)
Output voltage
VOUT
0~VCC
(Note 3)
V
Operating temperature
Topr
−40~85
°C
0~20 (VCC = 1.8 V, 2.5 V ± 0.2 V)
0~10 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0~5 (VCC = 5.5 V ± 0.5 V)
ns/V
Note 1: Data retention only
Note 2: OFF state
Note 3: Low state
IN A
&
IN B
OUT Y


Podobny numer części - TC7SZ38F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SZ32 TOSHIBA-TC7SZ32 Datasheet
150Kb / 4P
   2 INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE Datasheet
150Kb / 4P
   2 INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE Datasheet
154Kb / 5P
   2 Input OR Gate
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7SZ32AFS TOSHIBA-TC7SZ32AFS Datasheet
156Kb / 6P
   2-Input OR Gate
More results

Podobny opis - TC7SZ38F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NL17SZ38 ONSEMI-NL17SZ38 Datasheet
266Kb / 10P
   2-Input NAND Gate, Open Drain Output
December, 2019 ??Rev. 0
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G01 LRC-MC74VHC1G01 Datasheet
153Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Nexperia B.V. All right...
74HC03 NEXPERIA-74HC03 Datasheet
226Kb / 11P
   Quad 2-input NAND gate; open-drain output
Rev. 6 - 10 August 2021
logo
Leshan Radio Company
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
78Kb / 6P
   2-Input NAND Gate with Open Drain Output
June, 2005 ??Rev. 14
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com