Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7WH32FC Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC7WH32FC
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH32FC Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC7WH32FC Datasheet HTML 1Page - Toshiba Semiconductor TC7WH32FC Datasheet HTML 2Page - Toshiba Semiconductor TC7WH32FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WH32FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WH32FC Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TC7WH32FC
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WH32FC
Dual 2-Input OR Gate
Features
• High-speed
:tpd = 3.8 ns (Typ.) at VCC = 5 V
• Low power dissipation
:ICC=2μA(Max.) at Ta=25°C
• High noise immunity
:VNIH=VNIL=28%VCC(Min.)
• Operation voltage range
:VCC(opr.)=2~5.5V
• 5.5-V Tolerant inputs.
Marking
Absolute Maximum Ratings ( Ta = 25°C )
Characteristics
Symbol
Ratingh
Unit
Power supply viltage
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note1)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
(Note2)
mA
DC output current
IOUT
±25
mA
DC VCC/GND current
ICC
±50
mA
Power dissipation
PD
150
(Note3) mW
Storage temperature
Tstg
−65~150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure
rate, etc).
Note1 : High or Low State.
IOUT absolute maximum rating must be observed.
Note2 : VOUT < GND , VOUT > VCC
Note3 : Mounted on an FR4 board.
(25.4 mm
× 25.4 mm × 1.6 t, Cu Pad: 11.56 mm
2
)
Pin Assignment (top view)
Truth Table
Inputs
Outputs
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
H
IEC Logic Diagram
TC7WH32FC
CSON8-P-0.4
Weight: 0.002g (typ.)
1A
> 1
1Y
> 1
1B
2A
2B
2Y
H32
Product name
1
2
3
4
8
7
6
5
1A
1B
2Y
GND
1Y
2B
2A
Vcc


Podobny numer części - TC7WH32FC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WH32FK TOSHIBA-TC7WH32FK Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
TC7WH32FK TOSHIBA-TC7WH32FK Datasheet
208Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
208Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FU TOSHIBA-TC7WH32FU_07 Datasheet
208Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
More results

Podobny opis - TC7WH32FC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WG32FC TOSHIBA-TC7WG32FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WG32FU TOSHIBA-TC7WG32FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FU TOSHIBA-TC7WH32FU_07 Datasheet
208Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
logo
KEC(Korea Electronics)
KIC7WZ32FK KEC-KIC7WZ32FK Datasheet
393Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7S32FU KEC-KIC7S32FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
logo
Toshiba Semiconductor
TC74AC32FT TOSHIBA-TC74AC32FT_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input OR Gate
logo
KEC(Korea Electronics)
KIC7WZ86FK KEC-KIC7WZ86FK Datasheet
536Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT EXCLUSIVE OR GATE)
KIC7W32FK KEC-KIC7W32FK Datasheet
278Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT OR GATE)
logo
Toshiba Semiconductor
TC74HC4072AP TOSHIBA-TC74HC4072AP_07 Datasheet
219Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input OR Gate
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com