Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7WH14FK Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC7WH14FK
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH14FK Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC7WH14FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7WH14FU/FK
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WH14FU,TC7WH14FK
Triple Schmitt Inverter
The TC7WH14 is an advanced high speed CMOS Schmitt
Inverter fabricated with silicon gate CMOS technology.
It achieves the high speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power
dissipation. Pin configuration and function are the same as the
TC7SH14 but the inputs have hysteresis and with its schmitt
trigger function, the TC7WH14 can be used as a line receivers
which will receive slow input signals. An input protection
circuit ensures that 0 to 7 V can be applied to the input pins
without regard to the supply voltage. This device can be used to
interface 5 V to 3 V systems and two supply systems such as
battery back up. This circuit prevents device destruction due to
mismatched supply and input voltages.
Features
• High speed: tpd = 5.5 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• 5.5-V Tolerant inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
Marking
Pin Assignment (top view)
TC7WH14FU
TC7WH14FK
Weight
SSOP8-P-0.65: 0.02 g (typ.)
SSOP8-P-0.50A: 0.01 g (typ.)
SM8
US8
Type Name
H 1 4
Lot No.
W H
1 4
GND
3
4
8
7
6
5
1
2
2A
3Y
1A
2Y
3A
1Y
VCC


Podobny numer części - TC7WH14FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WH14FK TOSHIBA-TC7WH14FK Datasheet
199Kb / 6P
   TRIPLE SCHMITT INVERTER
TC7WH14FK TOSHIBA-TC7WH14FK Datasheet
208Kb / 7P
   Triple Schmitt Inverter
TC7WH14FKTE85L TOSHIBA-TC7WH14FKTE85L Datasheet
208Kb / 7P
   Triple Schmitt Inverter
TC7WH14FK TOSHIBA-TC7WH14FK_09 Datasheet
208Kb / 7P
   Triple Schmitt Inverter
More results

Podobny opis - TC7WH14FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WG14FU TOSHIBA-TC7WG14FU Datasheet
188Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WZ14FU TOSHIBA-TC7WZ14FU Datasheet
167Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WG14FC TOSHIBA-TC7WG14FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
logo
KEC(Korea Electronics)
KIC7WZ14FK KEC-KIC7WZ14FK Datasheet
402Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7SZ14FU KEC-KIC7SZ14FU Datasheet
526Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC714FK KEC-KIC714FK Datasheet
250Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7S14FU KEC-KIC7S14FU Datasheet
241Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com