Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7WP3125FK Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TC7WP3125FK
Szczegółowy opis  Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WP3125FK Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TC7WP3125FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 7Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 8Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 9Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 10Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 11Page - Toshiba Semiconductor TC7WP3125FK Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC7WP3125FK/FC
2007-10-19
8
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Circuit
VCCA (V) VCCB (V)
Typ.
Unit
Input capacitance
CIN
An, OE
2.5
3.3
7
pF
Output capacitance
COUT
Bn
2.5
3.3
8
pF
/OE=”L”
2.5
3.3
3
CPDA
/OE=”H”
2.5
3.3
0
/OE=”L”
2.5
3.3
13
Power dissipation capacitance
(Note)
CPDB
/OE=”H”
2.5
3.3
0
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2 (per bit)
AC Test Circuit
Figure 1
6.0 V or VCCB × 2
Open
GND
Switch
Output
Measure
Parameter
Switch
tpLH, tpHL
Open
6.0 V
@ VCCB=3.3±0.3V
tpLZ, tpZL
VCCB × 2
@ VCCB=2.5±0.2V
@ VCCB=1.8±0.15V
tpHZ, tpZH
GND
VCCB (output)
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8
± 0.15 V
RL
500 Ω
1 kΩ
CL
30 pF
30 pF


Podobny numer części - TC7WP3125FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB306FK TOSHIBA-TC7WPB306FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FC TOSHIBA-TC7WPB307FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FK TOSHIBA-TC7WPB307FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB8306L8X TOSHIBA-TC7WPB8306L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
More results

Podobny opis - TC7WP3125FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WBL126AFK TOSHIBA-TC7WBL126AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WBL125AFK TOSHIBA-TC7WBL125AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com