Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7WZ02FK Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC7WZ02FK
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ02FK Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC7WZ02FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WZ02FU/FK
2007-11-01
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
± 0.15
2.0
5.4
9.8
2.0
10.0
2.5
± 0.2
1.2
3.3
5.4
1.2
5.8
3.3
± 0.3
0.8
2.5
3.8
0.8
4.1
CL = 15 pF, RL = 1 MΩ
5.0
± 0.5
0.5
2.0
3.0
0.5
3.3
3.3
± 0.3
1.2
3.1
4.6
1.2
5.0
Propagation delay time
tpLH
tpHL
CL = 50 pF, RL = 500 Ω
5.0
± 0.5
0.8
2.4
3.7
0.8
4.0
ns
Input capacitance
CIN
0~5.5
3.0
pF
3.3
18
Power dissipation
capacitance
CPD
(Note 4)
5.5
24
pF
Note 4:CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/2


Podobny numer części - TC7WZ02FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WZ00FK TOSHIBA-TC7WZ00FK Datasheet
141Kb / 7P
   2 Input Nand Gate
TC7WZ00FK TOSHIBA-TC7WZ00FK_09 Datasheet
200Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ00FU TOSHIBA-TC7WZ00FU Datasheet
141Kb / 7P
   2 Input Nand Gate
TC7WZ00FU TOSHIBA-TC7WZ00FU_09 Datasheet
200Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ04FK TOSHIBA-TC7WZ04FK Datasheet
146Kb / 7P
   Triple Inverter
More results

Podobny opis - TC7WZ02FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WG02FU TOSHIBA-TC7WG02FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WH02FC TOSHIBA-TC7WH02FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WG02FC TOSHIBA-TC7WG02FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
logo
KEC(Korea Electronics)
KIC7S02FU KEC-KIC7S02FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7SZ02FU KEC-KIC7SZ02FU Datasheet
209Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
logo
Toshiba Semiconductor
TC74ACT02P TOSHIBA-TC74ACT02P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74AC02P TOSHIBA-TC74AC02P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74HC02AP TOSHIBA-TC74HC02AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74HC4002AP TOSHIBA-TC74HC4002AP_07 Datasheet
211Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com