Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7WZ14FK Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC7WZ14FK
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ14FK Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC7WZ14FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ14FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ14FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ14FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ14FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ14FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ14FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WZ14FU/FK
2007-11-01
4
AC Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
± 0.15
2.0
9.1
15.0
2.0
15.6
2.5
± 0.2
1.0
5.0
9.0
1.0
9.5
3.3
± 0.3
1.0
3.7
6.3
1.0
6.5
CL = 15 pF, RL = 1 MΩ
5.0
± 0.5
0.5
3.1
5.2
0.5
5.5
3.3
± 0.3
1.5
4.4
7.2
1.5
7.5
Propagation delay time
tpLH
tpHL
CL = 50 pF, RL = 500 Ω
5.0
± 0.5
0.8
3.7
5.9
0.8
6.2
ns
Input capacitance
CIN
0~5.5
3.0
pF
3.3
33
Power dissipation
capacitance
CPD
(Note 4)
5.5
43
pF
Note 4: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/3


Podobny numer części - TC7WZ14FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WZ125FK TOSHIBA-TC7WZ125FK Datasheet
202Kb / 7P
   Dual Bus Buffer With 3-STATE Output
TC7WZ125FK TOSHIBA-TC7WZ125FK_09 Datasheet
202Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ125FU TOSHIBA-TC7WZ125FU Datasheet
202Kb / 7P
   Dual Bus Buffer With 3-STATE Output
TC7WZ125FU TOSHIBA-TC7WZ125FU_09 Datasheet
202Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ126FK TOSHIBA-TC7WZ126FK Datasheet
202Kb / 7P
   Dual Bus Buffer with 3-STATE Output
More results

Podobny opis - TC7WZ14FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WG14FU TOSHIBA-TC7WG14FU Datasheet
188Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WG14FC TOSHIBA-TC7WG14FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WH14FU TOSHIBA-TC7WH14FU_07 Datasheet
200Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
logo
KEC(Korea Electronics)
KIC7WZ14FK KEC-KIC7WZ14FK Datasheet
402Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7SZ14FU KEC-KIC7SZ14FU Datasheet
526Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC714FK KEC-KIC714FK Datasheet
250Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7S14FU KEC-KIC7S14FU Datasheet
241Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com