Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74AC04P Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC74AC04P
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC04P Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC74AC04P_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC04P_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC04P_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC04P_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC04P_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC04P_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC04P_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC04P_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC04P_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74AC04P/F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC04P,TC74AC04F,TC74AC04FN,TC74AC04FT
Hex Inverter
The TC74AC04 is an advanced high speed CMOS INVERTER
fabricated with silicon gate and double-layer metal wiring
C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The internal circuit is composed of 3 stages including buffer
output, which provide high noise immunity and stable output.
All inputs are equipped with protection circuits against satic
discharge or transient excess voltage.
Features
• High speed: tpd = 3.2 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F04
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74AC04P
TC74AC04F
TC74AC04FN
TC74AC04FT
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Podobny numer części - TC74AC04P_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74AC04P TOSHIBA-TC74AC04P_12 Datasheet
217Kb / 8P
   Hex Inverter
More results

Podobny opis - TC74AC04P_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC04AP TOSHIBA-TC74HC04AP_07 Datasheet
255Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74AC14F TOSHIBA-TC74AC14F_07 Datasheet
264Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74ACT14F TOSHIBA-TC74ACT14F_07 Datasheet
262Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74HC14AP TOSHIBA-TC74HC14AP_07 Datasheet
268Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74AC05P TOSHIBA-TC74AC05P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
TC74HC05AP TOSHIBA-TC74HC05AP_07 Datasheet
225Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
logo
KEC(Korea Electronics)
KIC7SH04FU KEC-KIC7SH04FU Datasheet
251Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SU04FU KEC-KIC7SU04FU Datasheet
261Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7S04FU KEC-KIC7S04FU Datasheet
259Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SZ04FU KEC-KIC7SZ04FU Datasheet
203Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com