Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74AC11P Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC74AC11P
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC11P Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC74AC11P_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC11P_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC11P_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC11P_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC11P_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC11P_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC11P_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC11P_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74AC11P/F/FN
2007-10-01
4
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
tpLH
tpHL
3.3
± 0.3
5.0
± 0.5
8.0
6.0
14.0
9.0
1.0
1.0
16.0
10.2
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
63
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/3 (per gate)


Podobny numer części - TC74AC11P_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74AC11P TOSHIBA-TC74AC11P_12 Datasheet
244Kb / 7P
   Triple 3-Input AND Gate
More results

Podobny opis - TC74AC11P_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC11AF TOSHIBA-TC74HC11AF_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input AND Gate
TC74HC10AP TOSHIBA-TC74HC10AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NAND Gate
TC74HC4075AP TOSHIBA-TC74HC4075AP_07 Datasheet
221Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input OR Gate
TC74HC27AF TOSHIBA-TC74HC27AF_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NOR Gate
TC74AC10P TOSHIBA-TC74AC10P_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NAND Gate
logo
KEC(Korea Electronics)
KIC7SZ08FU KEC-KIC7SZ08FU Datasheet
211Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7SH08FU KEC-KIC7SH08FU Datasheet
247Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7S08FU KEC-KIC7S08FU Datasheet
284Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
logo
Toshiba Semiconductor
TC74HC21AP TOSHIBA-TC74HC21AP_07 Datasheet
255Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com