Zakładka z wyszukiwarką danych komponentów |
|
TC74AC32FT Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TC74AC32FT Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 9 page TC74AC32P/F/FN/FT 2007-10-01 3 Operating Ranges (Note) Characteristics Symbol Rating Unit Supply voltage VCC 2.0 to 5.5 V Input voltage VIN 0 to VCC V Output voltage VOUT 0 to VCC V Operating temperature Topr −40 to 85 °C Input rise and fall time dt/dV 0 to 100 (VCC = 3.3 ± 0.3 V) 0 to 20 (VCC = 5 ± 0.5 V) ns/V Note: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Electrical Characteristics DC Characteristics Ta = 25°C Ta = −40 to 85°C Characteristics Symbol Test Condition VCC (V) Min Typ. Max Min Max Unit High-level input voltage VIH ― 2.0 3.0 5.5 1.50 2.10 3.85 ― ― ― ― ― ― 1.50 2.10 3.85 ― ― ― V Low-level input voltage VIL ― 2.0 3.0 5.5 ― ― ― ― ― ― 0.50 0.90 1.65 ― ― ― 0.50 0.90 1.65 V IOH = −50 μA 2.0 3.0 4.5 1.9 2.9 4.4 2.0 3.0 4.5 ― ― ― 1.9 2.9 4.4 ― ― ― High-level output voltage VOH VIN = VIH or VIL IOH = −4 mA IOH = −24 mA IOH = −75 mA (Note) 3.0 4.5 5.5 2.58 3.94 ― ― ― ― ― ― ― 2.48 3.80 3.85 ― ― ― V IOL = 50 μA 2.0 3.0 4.5 ― ― ― 0.0 0.0 0.0 0.1 0.1 0.1 ― ― ― 0.1 0.1 0.1 Low-level output voltage VOL VIN = VIL IOL = 12 mA IOL = 24 mA IOL = 75 mA (Note) 3.0 4.5 5.5 ― ― ― ― ― ― 0.36 0.36 ― ― ― ― 0.44 0.44 1.65 V Input leakage current IIN VIN = VCC or GND 5.5 ― ― ±0.1 ― ±1.0 μA Quiescent supply current ICC VIN = VCC or GND 5.5 ― ― 4.0 ― 40.0 μA Note: This spec indicates the capability of driving 50 Ω transmission lines. One output should be tested at a time for a 10 ms maximum duration. |
Podobny numer części - TC74AC32FT_07 |
|
Podobny opis - TC74AC32FT_07 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |