Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP3062 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP3062
Szczegółowy opis  OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3062 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP3062 Datasheet HTML 1Page - Toshiba Semiconductor TLP3062 Datasheet HTML 2Page - Toshiba Semiconductor TLP3062 Datasheet HTML 3Page - Toshiba Semiconductor TLP3062 Datasheet HTML 4Page - Toshiba Semiconductor TLP3062 Datasheet HTML 5Page - Toshiba Semiconductor TLP3062 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP3061(S),TLP3062(S),TLP3063(S)
2007-10-01
4
Ambient temperature Ta (℃)
IF – Ta
0
120
100
80
60
40
20
0
20
10
20
30
40
50
60
Ambient temperature Ta (℃)
IT(RMS) – Ta
0
120
100
80
60
40
20
0
20
20
40
60
80
100
120
IFP – DR
Duty cycle ration DR
10
0
3
10
1
3
10
2
3
10
3
3
10
30
50
100
300
500
3000
1000
Pulse width≦100μs
Ta=25℃
IF – VF
Ta=25℃
Forward voltage VF(V)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.1
0.3
0.5
1
10
30
100
50
5
3
IFP – VFP
Pulse forward voltage VFP (V)
Pulse width≦10μs
Repetitive frequency
=100Hz
Ta=25℃
1
3.0
2.6
1.8
1.4
1.0
0.6
3
5
10
30
300
500
1000
2.2
50
100
Δ
VF / ΔTa – IF
50
30
5
3
1
0.5
0.3
0.1
10
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Forward current IF (mA)


Podobny numer części - TLP3062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP3062 TOSHIBA-TLP3062 Datasheet
285Kb / 5P
   office machine household use equipment
TLP3062F TOSHIBA-TLP3062F Datasheet
110Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3062F TOSHIBA-TLP3062F Datasheet
97Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3062FS TOSHIBA-TLP3062FS Datasheet
110Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3062FS TOSHIBA-TLP3062FS Datasheet
97Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results

Podobny opis - TLP3062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051 Datasheet
165Kb / 6P
   Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041F TOSHIBA-TLP3041F Datasheet
102Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3061F TOSHIBA-TLP3061F_07 Datasheet
97Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021F TOSHIBA-TLP3021F Datasheet
101Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021 TOSHIBA-TLP3021_07 Datasheet
347Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP665G TOSHIBA-TLP665G Datasheet
144Kb / 6P
   Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762J TOSHIBA-TLP762J Datasheet
231Kb / 5P
   OFFICE MACHINE HOUSEHOLD USE EQUPMINT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com