Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP2630 Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TLP2630
Szczegółowy opis  Analog Data Equipment Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2630 Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

  TLP2630_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP2630_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP2630
2007-10-01
6
VOL – Ta
0.2
0
80
Forward voltage
VF (V)
100
0.01
1.0
2.0
IOH – Ta
Ambient temperature Ta (°C)
1
0
0.1
1
10
1.2
1.4
1.6
1.8
Ta = 25 °C
Forward current
IF (mA)
-1.4
0.1
0.3 0.5
1
3
5
10
30
-1.6
-1.8
-2.0
-2.2
-2.4
-2.6
50
VO – IF
Forward current
IF (mA)
8
6
4
2
0
0
1
2
34
5
6
VCC = 5 V
Ta = 25 °C
RL= 350Ω
1kΩ
4kΩ
3
5
10
30
50
100
10
20
30
40
50
60
70
IF = 250 μA
VCC = 5.5 V
VO = 5.5 V
VO – IF
Forward current
IF (mA)
8
6
4
2
0
0
1
2
34
5
6
Ta= 70°C
0°C
10
VCC = 5 V
RL= 350Ω
RL= 4kΩ
20
40
60
0.3
0.4
0.5
Ambient temperature Ta (°C)
IF = 5 mA
VCC = 5.5 V
IOL=16mA
12.8mA
9.6mA
6.4mA
ΔVF / ΔTa – IF
IF – VF


Podobny numer części - TLP2630_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2630 TOSHIBA-TLP2630 Datasheet
195Kb / 8P
   Degital Logic Isolation Tele.Communication Analog Data Equipment Control Microprocessor System Interface
More results

Podobny opis - TLP2630_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
6N137F TOSHIBA-6N137F Datasheet
184Kb / 8P
   Degital Logic Isolation Tele-Communication Analog Data Equipment Control
TLP2630 TOSHIBA-TLP2630 Datasheet
195Kb / 8P
   Degital Logic Isolation Tele.Communication Analog Data Equipment Control Microprocessor System Interface
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
TLP173A TOSHIBA-TLP173A Datasheet
255Kb / 10P
   Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
logo
Dialog Semiconductor
SLG46110 DIALOG-SLG46110 Datasheet
837Kb / 82P
   Data Communications Equipment
logo
Toshiba Semiconductor
TLP3542 TOSHIBA-TLP3542 Datasheet
84Kb / 4P
   TESTERS DATA RECORDING EQUIPMENT MEASURING EQUIPMENT
TLP192A TOSHIBA-TLP192A_07 Datasheet
183Kb / 7P
   Measurement and Control Equipment
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com