Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74AC283P Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TC74AC283P
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic 4-Bit Binary Full Adder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC283P Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TC74AC283P Datasheet HTML 1Page - Toshiba Semiconductor TC74AC283P Datasheet HTML 2Page - Toshiba Semiconductor TC74AC283P Datasheet HTML 3Page - Toshiba Semiconductor TC74AC283P Datasheet HTML 4Page - Toshiba Semiconductor TC74AC283P Datasheet HTML 5Page - Toshiba Semiconductor TC74AC283P Datasheet HTML 6Page - Toshiba Semiconductor TC74AC283P Datasheet HTML 7Page - Toshiba Semiconductor TC74AC283P Datasheet HTML 8Page - Toshiba Semiconductor TC74AC283P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74AC283P/F/FN
2007-10-01
5
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0
5.5
1.50
2.10
3.85
1.50
2.10
3.85
V
Low-level input
voltage
VIL
2.0
3.0
5.5
0.50
0.90
1.65
0.50
0.90
1.65
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −24 mA
IOH = −75 mA
(Note)
3.0
4.5
5.5
2.58
3.94
2.48
3.80
3.85
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 12 mA
IOL = 24 mA
IOL = 75 mA
(Note)
3.0
4.5
5.5
0.36
0.36
0.44
0.44
1.65
V
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
8.0
80.0
μA
Note:
This spec indicates the capability of driving 50
Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.


Podobny numer części - TC74AC283P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74AC280F TOSHIBA-TC74AC280F Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
TC74AC280F TOSHIBA-TC74AC280F Datasheet
361Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 9-Bit Parity Generator/Checker
TC74AC280FN TOSHIBA-TC74AC280FN Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
TC74AC280FN TOSHIBA-TC74AC280FN Datasheet
361Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 9-Bit Parity Generator/Checker
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
More results

Podobny opis - TC74AC283P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
logo
Hitachi Semiconductor
HD74HC283 HITACHI-HD74HC283 Datasheet
56Kb / 10P
   4-bit Binary Full Adder
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Renesas Technology Corp
HD74HC283 RENESAS-HD74HC283 Datasheet
105Kb / 8P
   4-bit Binary Full Adder
logo
Toshiba Semiconductor
TC74HC283AP TOSHIBA-TC74HC283AP_07 Datasheet
399Kb / 10P
   4-Bit Binary Full Adder
logo
STMicroelectronics
M74HC283 STMICROELECTRONICS-M74HC283 Datasheet
1,005Kb / 9P
   4-BIT BINARY FULL ADDER
logo
Toshiba Semiconductor
TC74ACT161P TOSHIBA-TC74ACT161P_07 Datasheet
654Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Synchronous Presettable 4-Bit Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com