Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74AC377F Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TC74AC377F
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC377F Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TC74AC377F Datasheet HTML 1Page - Toshiba Semiconductor TC74AC377F Datasheet HTML 2Page - Toshiba Semiconductor TC74AC377F Datasheet HTML 3Page - Toshiba Semiconductor TC74AC377F Datasheet HTML 4Page - Toshiba Semiconductor TC74AC377F Datasheet HTML 5Page - Toshiba Semiconductor TC74AC377F Datasheet HTML 6Page - Toshiba Semiconductor TC74AC377F Datasheet HTML 7Page - Toshiba Semiconductor TC74AC377F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC74AC377P/F
2007-10-01
3
System Diagram
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±50
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±200
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be
applied up to 300 mW.


Podobny numer części - TC74AC377F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74AC377F TOSHIBA-TC74AC377F Datasheet
282Kb / 7P
   Toshiba CMOS digital integrated circuit silicon monolithic
TC74AC377FW TOSHIBA-TC74AC377FW Datasheet
282Kb / 7P
   Toshiba CMOS digital integrated circuit silicon monolithic
More results

Podobny opis - TC74AC377F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC377AP TOSHIBA-TC74HC377AP_07 Datasheet
322Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop
TC74AC273P TOSHIBA-TC74AC273P_07 Datasheet
230Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74ACT273P TOSHIBA-TC74ACT273P Datasheet
277Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74AC574P TOSHIBA-TC74AC574P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT574F TOSHIBA-TC74ACT574F_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT374P TOSHIBA-TC74ACT374P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74AC374FT TOSHIBA-TC74AC374FT_07 Datasheet
365Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-state Output
TC74ACT175P TOSHIBA-TC74ACT175P_07 Datasheet
309Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_07 Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74ACT174P TOSHIBA-TC74ACT174P Datasheet
300Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex D-Type Flip Flop with Clear
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com