Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74HC27AF Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC74HC27AF
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC27AF Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC74HC27AF_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC27AF_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC27AF_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC27AF_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC27AF_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC27AF_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC27AF_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC27AF_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74HC27AP/AF/AFN
2007-10-01
4
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
25
7
6
75
15
13
95
19
16
ns
Propagation delay
time
tpLH
tpHL
2.0
4.5
6.0
30
10
9
90
18
15
115
23
20
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
25
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/3 (per gate)


Podobny numer części - TC74HC27AF_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC27AFN TOSHIBA-TC74HC27AFN Datasheet
241Kb / 6P
   TRIPLE 3 INPUT NOR GATE
More results

Podobny opis - TC74HC27AF_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC11AF TOSHIBA-TC74HC11AF_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input AND Gate
TC74HC10AP TOSHIBA-TC74HC10AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NAND Gate
TC74HC4075AP TOSHIBA-TC74HC4075AP_07 Datasheet
221Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input OR Gate
TC74AC10P TOSHIBA-TC74AC10P_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NAND Gate
TC74AC11P TOSHIBA-TC74AC11P_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input AND Gate
logo
KEC(Korea Electronics)
KIC7S02FU KEC-KIC7S02FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7SZ02FU KEC-KIC7SZ02FU Datasheet
209Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
logo
Toshiba Semiconductor
TC7WG02FU TOSHIBA-TC7WG02FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC74ACT02P TOSHIBA-TC74ACT02P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com