Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP751 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP751
Szczegółowy opis  GaA?밃s Ired Photo IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP751 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP751_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP751_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP751_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP751_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP751_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP751_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP751_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP751
2007-10-01
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 16 mA
1.65
1.85
V
Forward voltage
Temperature coefficient
ΔVF / ΔTa
IF = 16 mA
−2
mV / °C
Reverse current
IR
VR = 5 V
10
μA
Capacitance between
terminal
CT
VF = 0, f = 1 MHz
45
pF
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
3
500
nA
IOH (2)
IF = 0 mA, VCC = VO = 15 V
5
High level output
current
IOH
IF = 0 mA, VCC = VO = 15 V
Ta = 70°C
50
μA
High level supply
voltage
ICCH
IF = 0 mA, VCC = 15 V
0.01
1
μA
Current transfer ratio
IO / IF
IF = 16 mA, VCC = 4.5 V
VO = 0.4 V
10
30
%
Low level output
voltage
VOL
IF = 16 mA, VCC = 4.5 V
IO = 1.1 mA
0.4
V
resistance(input
−output)
RS
R.H. ≤ 60%, VS = 500 VDC
(Note7)
1×10
12
10
14
Capacitance
(input
−output)
CS
VS = 0, f = 1 MHz
(Note7)
0.8
pF
Switching Characteristics (Ta = 25°C, VCC = 5V)
Characteristic
Symbol
Test
Cir-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time
(H→L)
tpHL
IF = 0→16mA, VCC = 5V,
RL = 4.1 kΩ
0.2
μs
Propagation delay time
(L→H)
tpLH
1
IF = 16→0mA
VCC = 5V, RL = 4.1 kΩ
1.0
μs
Common mode transient
immunity at logic high
output
(Note 8)
CMH
IF = 0 mA, VCM = 200 Vp−p
RL = 4.1 kΩ
400
V / μs
Common mode transient
immunity at logic low
output
(Note 8)
CML
2
IF =16 mA
VCM = 200 Vp−p
RL = 4.1 kΩ
−1000
V / μs


Podobny numer części - TLP751_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
More results

Podobny opis - TLP751_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com