Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74HC85AP Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC74HC85AP
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic 4-Bit Magnitude Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC85AP Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC74HC85AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC85AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC85AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC85AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC85AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC85AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC85AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC85AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC85AP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC85AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC85AP,TC74HC85AF,TC74HC85AFN
4-Bit Magnitude Comparator
The TC74HC85A is a high speed CMOS 4 BIT MAGNITUDE
COMPARATOR fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The TC74HC85A compares tow 4-bit words applied to inputs
A0-A3 and B0-B3, and provides a high voltage level on one of
three outputs: A > B, A < B, or A = B.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 22 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS85
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC85AP
TC74HC85AF
TC74HC85AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Podobny numer części - TC74HC85AP_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC85AP TOSHIBA-TC74HC85AP Datasheet
247Kb / 7P
   4-BIT MAGNITUDE COMPARATOR
More results

Podobny opis - TC74HC85AP_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC688AP TOSHIBA-TC74HC688AP_07 Datasheet
290Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
TC74ACT521P TOSHIBA-TC74ACT521P Datasheet
281Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585BE TI-CD4585BE Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com