Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP206G Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP206G
Szczegółowy opis  Measurement Instrument
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP206G Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP206G_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP206G_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP206G_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP206G_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP206G_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP206G_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP206G
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Off
−state current
IOFF
VOFF = 350 V
1
μA
Capacitance
COFF
V = 0,f = 1MHZ
40
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
Trigger LED current
IFT
ION = 120 mA
1
3
mA
On
−state resistance
RON
ION = 120 mA, IF = 5 mA
22
35
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5×10
10
10
14
AC, 1 minute
1500
AC, 1 second, in oil
3000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
3000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn
−on time
tON
0.3
1
Turn
−off time
tOFF
RL = 200Ω
(Note 3)
VDD = 20 V, IF = 5 mA
0.1
1
ms
(Note 3): Switching time test circuit
1, 3
VDD
VOUT
RL
5, 7
IF
6, 8
2, 4
tOFF
tON
10%
90%
VOUT
IF


Podobny numer części - TLP206G_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP206GA TOSHIBA-TLP206GA Datasheet
180Kb / 6P
   Measurement Instrumentation
TLP206G TOSHIBA-TLP206G_14 Datasheet
201Kb / 6P
   PBX Modem-FAX Card Measurement Instrument
More results

Podobny opis - TLP206G_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
   Measurement Instrument
TLP3220 TOSHIBA-TLP3220 Datasheet
286Kb / 7P
   Measurement Instrument
TLP200D TOSHIBA-TLP200D_07 Datasheet
164Kb / 6P
   Measurement Instrument
TLP206A TOSHIBA-TLP206A Datasheet
271Kb / 6P
   MEASUREMENT INSTRUMENT DATA ACQUISITION PROGRAMMABLE CONTROL
TLP206A TOSHIBA-TLP206A_14 Datasheet
406Kb / 6P
   Measurement Instrument Data Acquisition Programmable Control
TLP200D TOSHIBA-TLP200D_14 Datasheet
380Kb / 6P
   PBX Modem - Fax Card Measurement Instrument
TLP206G TOSHIBA-TLP206G_14 Datasheet
201Kb / 6P
   PBX Modem-FAX Card Measurement Instrument
logo
List of Unclassifed Man...
5400E ETC2-5400E Datasheet
332Kb / 2P
   Instrument Knobs
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
   Measuring instrument
logo
M/A-COM Technology Solu...
SCW1331U-120FCR MA-COM-SCW1331U-120FCR Datasheet
234Kb / 2P
   Instrument Laser Modules
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com