Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74HC688AP Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TC74HC688AP
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC688AP Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TC74HC688AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC688AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC688AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC688AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC688AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC688AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC688AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC688AP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC74HC688AP/AF
2007-10-01
5
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(Pn, Qn-
Q
P
=
)
tpLH
tpHL
2.0
4.5
6.0
60
21
17
170
34
29
215
43
37
ns
Propagation delay
time
( G-
Q
P
=
)
tpLH
tpHL
2.0
4.5
6.0
40
13
10
110
22
19
140
28
24
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
32
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Podobny numer części - TC74HC688AP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC688AP TOSHIBA-TC74HC688AP Datasheet
207Kb / 5P
   8BIT EQUALITY COMPARATOR
More results

Podobny opis - TC74HC688AP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74ACT521P TOSHIBA-TC74ACT521P Datasheet
281Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
TC74HC85AP TOSHIBA-TC74HC85AP_07 Datasheet
399Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 4-Bit Magnitude Comparator
TC74HCT688AP TOSHIBA-TC74HCT688AP Datasheet
205Kb / 5P
   8-BIT EQUALITY COMPARATOR
TC74HCT688AP TOSHIBA-TC74HCT688AP_07 Datasheet
288Kb / 7P
   8-Bit Equality Comparator
logo
STMicroelectronics
M54HCT688 STMICROELECTRONICS-M54HCT688 Datasheet
242Kb / 10P
   8 BIT EQUALITY COMPARATOR
logo
Toshiba Semiconductor
TC74AC521P TOSHIBA-TC74AC521P Datasheet
267Kb / 7P
   8-BIT EQUALITY COMPARATOR
logo
STMicroelectronics
M74HC688 STMICROELECTRONICS-M74HC688 Datasheet
326Kb / 9P
   8 BIT EQUALITY COMPARATOR
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
243Kb / 10P
   8 BIT EQUALITY COMPARATOR
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com