Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74HC4060AF Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC74HC4060AF
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic 14-Stage Binary Counter/Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4060AF Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC74HC4060AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4060AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4060AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4060AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4060AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4060AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4060AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4060AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4060AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74HC4060AP/AF
2007-10-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
(Qn)
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
High-level output
voltage
(
φO,
O
φ )
VOH
VIN
= VIH or
VIL
IOH = −20 μA
2.0
4.5
6.0
1.8
4.0
5.5
2.0
4.5
5.9
1.8
4.0
5.5
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
(Qn)
VOL
VIN
= VIH or
VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Low-level output
voltage
(
φO,
O
φ )
VOL
VIN
= VIH or
VIL
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.1
0.2
0.5
0.5
0.2
0.5
0.5
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA


Podobny numer części - TC74HC4060AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC4060AF TOSHIBA-TC74HC4060AF Datasheet
291Kb / 6P
   14-STAGE BINARY COUNTER/OSCILATOR
More results

Podobny opis - TC74HC4060AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC4024AP TOSHIBA-TC74HC4024AP_07 Datasheet
269Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 7-Stage Binary Counter
TC74HC393AP TOSHIBA-TC74HC393AP_07 Datasheet
324Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74AC393F TOSHIBA-TC74AC393F_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
KODENSHI_AUK CORP.
KK74HC4060A KODENSHI-KK74HC4060A Datasheet
372Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060 Datasheet
257Kb / 12P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
Integral Corp.
IN74HC4060A INTEGRAL-IN74HC4060A Datasheet
356Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
IK Semicon Co., Ltd
IN74HC4060A IKSEMICON-IN74HC4060A Datasheet
289Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com