Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1048 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części 2SA1048
Szczegółowy opis  Audio Frequency Amplifier Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1048 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  2SA1048 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1048 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1048 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1048
2007-11-01
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1048
Audio Frequency Amplifier Applications
• Small package
• High voltage: VCEO = −50 V (min)
• High hFE: hFE = 70~400
• Excellent hFE linearity: hFE (IC = −0.1 mA)/hFE (IC = −2 mA) = 0.95 (typ.)
• Low noise: NF = 1dB (typ.), 10dB (max)
• Complementary to 2SC2458
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−150
mA
Base current
IB
−50
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods” ) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −50 V, IE = 0
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−0.1
μA
DC current gain
hFE
(Note)
VCE = −6 V, IC = −2 mA
70
400
Collector-emitter saturation voltage
VCE (sat)
IC = −100 mA, IB = −10 mA
−0.1
−0.3
V
Transition frequency
fT
VCE = −10 V, IC = −1 mA
80
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
4
7
pF
Noise figure
NF
VCE = −6 V, IC = −0.1 mA, f = 1 kHz,
RG = 10 kΩ
1.0
10
dB
Note: hFE classification O: 70~140, Y: 120~240, GR: 200~400
Unit: mm
JEDEC
JEITA
TOSHIBA
2-4E1A
Weight: 0.13 g (typ.)


Podobny numer części - 2SA1048

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SA1048 TOSHIBA-2SA1048 Datasheet
145Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
logo
SeCoS Halbleitertechnol...
2SA1048 SECOS-2SA1048 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
Foshan Blue Rocket Elec...
2SA1048 FOSHAN-2SA1048 Datasheet
1,014Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
2SA1048 JIANGSU-2SA1048 Datasheet
1Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SA1048 KOOCHIN-2SA1048 Datasheet
233Kb / 2P
   TRANSISTOR (PNP)
More results

Podobny opis - 2SA1048

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
   Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
   Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
   AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
2SA1360 TOSHIBA-2SA1360_07 Datasheet
126Kb / 5P
   Audio Frequency Amplifier Applications
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
   Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
   Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
   Audio Frequency Amplifier Applications
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
   Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
   Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com