Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74HC193AFN Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC74HC193AFN
Szczegółowy opis  Synchronous Up/Down Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC193AFN Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC74HC193AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC193AFN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC74HC193AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC193AP,TC74HC193AF,TC74HC193AFN
Synchronous Up/Down Binary Counter
The TC74HC193A are high speed CMOS SYNCHRONOUS
4-BIT UP/DOWN COUNTER fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
They have a clear input (CLR), a load input ( LOAD ), load data
inputs (A~D), two clock inputs (COUNT UP, COUNT DOWN),
four count data outputs (QA~QD), and other outputs ( CARRY ,
BORROW ).
CLEAR is active high and forces QA thru QD outputs low
independent of the other inputs.
CARRY and BORROW outputs are provided in order to
make a cascade connection without external circuitry.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 54 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS193
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC193AP
TC74HC193AF
TC74HC193AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Podobny numer części - TC74HC193AFN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC193AFN TOSHIBA-TC74HC193AFN Datasheet
368Kb / 10P
   SYNCHRONOUS UP/DOWN BINARY COUNTER
More results

Podobny opis - TC74HC193AFN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP Datasheet
368Kb / 10P
   SYNCHRONOUS UP/DOWN BINARY COUNTER
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
STMicroelectronics
M54HC193 STMICROELECTRONICS-M54HC193 Datasheet
353Kb / 13P
   RAD-HARD SYNCHRONOUS UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com