Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1242 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części 2SA1242
Szczegółowy opis  Strobe Flash Applications Medium Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1242 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  2SA1242_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1242_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1242_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1242_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1242
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −35 V, IE = 0
−100
nA
Emitter cut-off current
IEBO
VEB = −8 V, IC = 0
−100
nA
Collector-emitter breakdown voltage
VCEO
IC = −10 mA, IB = 0
−20
V
Emitter-base breakdown voltage
VEBO
IE = −1 mA, IC = 0
−8
V
hFE (1)
(Note 3)
VCE = −2 V, IC = −0.5 A
100
320
DC current gain
hFE (2)
VCE = −2 V, IC = −4 A
70
Collector-emitter saturation voltage
VCE (sat)
IC = −4 A, IB = −0.1 A
−1.0
V
Base-emitter voltage
VBE
VCE = −2 V, IC = −4 A
−1.5
V
Transition frequency
fT
VCE = −2 V, IC = −0.5 A
170
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
62
pF
Note 3: hFE (1) classification O: 100 to 200, Y: 160 to 320
Marking
A1242
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics
indicator
Part No. (or abbreviation code)


Podobny numer części - 2SA1242_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results

Podobny opis - 2SA1242_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
   STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1431 TOSHIBA-2SA1431_06 Datasheet
142Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1160 TOSHIBA-2SA1160_09 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com