Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1244 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części 2SA1244
Szczegółowy opis  High Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1244 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  2SA1244_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1244_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1244_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1244_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1244_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA1244
2006-11-09
4
Collector current IC (A)
VBE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
PC – Ta
−0.1
−0.03
Common emitter
IC/IB = 20
25
100
Tc = −55°C
−10
−0.1
−0.3
−1
−3
−10
−0.3
−0.5
−1
−3
−5
−5
0
0
−0.4
−0.8
−1.2
−1.6
−2.0
−2.4
−1
−2
−3
−4
Common emitter
VCE = −1 V
25
−55
Tc = 100°C
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
−0.01
−0.1
−10
IC max (continuous)
IC max (pulsed)*
VCEO max
1 ms*
10 ms*
DC operation Tc = 25°C
−30
−100
−3
−10
−0.3
−1
−1
−0.03
−0.05
−0.1
−0.3
−0.5
−5
−3
28
0
0
(1) Tc = Ta infinite heat sink
(2) Ceramic substrate
50 × 50 × 0.8 mm
(3) No heat sink
20
40
60
80
100
120
160
4
8
12
16
20
(1)
(2)
(3)
24
140


Podobny numer części - 2SA1244_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SA1244-YQ TOSHIBA-2SA1244-YQ Datasheet
172Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Guangdong Kexin Industr...
2SA1244 KEXIN-2SA1244_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Podobny opis - 2SA1244_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com