Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP597G Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP597G
Szczegółowy opis  Cordless Telephone
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP597G Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP597G_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP597G_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP597G_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP597G_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP597G_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP597G_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP597G
2007-10-01
1
TOSHIBA Photocoupler Photo Relay
TLP597G
Cordless Telephone
PBX
Modem
The TOSHIBA TLP597G consists of a gallium arsenide infrared
emitting diode optically coupled to a photo−MOSFET in a six lead plastic
DIP package (DIP6).
The TLP597G is a bi−directional switch which can replace mechanical
relay in many applications.
• Peak off−state voltage: 350V (min.)
• Trigger LED current: 3mA (max.)
• On−state current: 120mA (max.) (A connection)
• On−state resistance: 35Ω (max.) (A connection)
• Isolation voltage: 2500Vrms (min.)
• Isolation thickness: 0.4mm (min.)
• UL recognized: UL1577, file no. E67349
• BSI approved: BS EN60065: 2002, certificate no. 8275
BS EN60950-1: 2002, certificate no. 8276
• Option (D4) type
: TUV approved: DIN EN 60747-5-2,
Certificate no. 40011913
Pin Configuration (top view)
3
2
16
5
4
1 : Anode
2 : Cathode
3 : NC
4 : Drain D1
5 : Source
6 : Drain D2
Schematic
1
2
6
4
5
Unit in mm
TOSHIBA
11
−7A8
Weight: 0.4 g


Podobny numer części - TLP597G_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA Datasheet
164Kb / 6P
   Photo Relay
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
   Cordless Telephone PBX Modem
More results

Podobny opis - TLP597G_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
logo
UMC Corporation
UM9310 UMC-UM9310 Datasheet
918Kb / 14P
   Cordless Telephone Controller
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
   Cordless Telephone PBX Modem
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
   CORDLESS TELEPHONE PBX MODEM
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
TEMIC Semiconductors
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com