Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74HC4511AF Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TC74HC4511AF
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic BCD-to-7 Segment Latch/Decoder/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4511AF Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC4511AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4511AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4511AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4511AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4511AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4511AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4511AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4511AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HC4511AF Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC74HC4511AP/AF
2007-10-01
6
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −6 mA
IOH = −20 mA
IOH = −7.8 mA
4.5
4.5
6.0
4.18
3.20
5.68
4.31
3.80
5.80
4.13
2.90
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(LE)
tW (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum hold time
th
2.0
4.5
6.0
0
0
0
0
0
0
ns


Podobny numer części - TC74HC4511AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC4511AF TOSHIBA-TC74HC4511AF Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
More results

Podobny opis - TC74HC4511AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com