Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP283 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP283
Szczegółowy opis  PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP283 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP283 Datasheet HTML 1Page - Toshiba Semiconductor TLP283 Datasheet HTML 2Page - Toshiba Semiconductor TLP283 Datasheet HTML 3Page - Toshiba Semiconductor TLP283 Datasheet HTML 4Page - Toshiba Semiconductor TLP283 Datasheet HTML 5Page - Toshiba Semiconductor TLP283 Datasheet HTML 6Page - Toshiba Semiconductor TLP283 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP283,TLP283-4
2007-10-01
4
Ambient temperature Ta (℃)
TLP280-4
IF – Ta
TLP280
0
120
100
40
20
0
20-
20
40
80
100
80
60
60
Duty cycle ratio DR
PULSE WIDTH
100μs
Ta=25℃
IFP – DR
10
10
0
3
3
3
30
50
100
1000
3000
10
1
300
500
10
2
10
3
3
Pulse forward voltage VFP (V)
Pulse width≦10μs
Repetitive
Frequency=100Hz
Ta=25℃
IFP – VFP
1
3.0
2.6
1.8
1.4
1.0
0.6
3
5
10
30
300
500
1000
2.2
50
100
Forward current IF (mA)
Δ
VF /ΔTa– IF
0.4
50
30
5
1
0.3
0.1
0.8
1.2
1.6
2.8
3.2
10
2.0
2.4
0.5
3
PC – Ta
Ambient temperature Ta (℃)
TLP280-4
TLP280
0
120
100
60
20
0
20
40
80
160
200
80
120
40
Forward voltage VF (V)
100℃
IF – VF
75℃
50℃
25℃
0℃
25℃
50℃
0.1
1.6
1.2
1.0
0.8
0.6
1
100
1.4
10
*: The above graphs show typical characteristics.


Podobny numer części - TLP283

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP283 TOSHIBA-TLP283 Datasheet
106Kb / 4P
   PROGRAMMABLE CONTROLLERS AC adapters for PDAs/ on-board power supplies I/O interface boards
TLP283-4 TOSHIBA-TLP283-4 Datasheet
106Kb / 4P
   PROGRAMMABLE CONTROLLERS AC adapters for PDAs/ on-board power supplies I/O interface boards
More results

Podobny opis - TLP283

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP421 TOSHIBA-TLP421 Datasheet
188Kb / 9P
   Photocoupler GaAs Ired & Photo - Transistor
TLP281 TOSHIBA-TLP281_07 Datasheet
271Kb / 8P
   PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
4N29 TOSHIBA-4N29 Datasheet
301Kb / 6P
   TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com