Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP260J Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP260J
Szczegółowy opis  GaAs IRED Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP260J Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP260J Datasheet HTML 1Page - Toshiba Semiconductor TLP260J Datasheet HTML 2Page - Toshiba Semiconductor TLP260J Datasheet HTML 3Page - Toshiba Semiconductor TLP260J Datasheet HTML 4Page - Toshiba Semiconductor TLP260J Datasheet HTML 5Page - Toshiba Semiconductor TLP260J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP260J
2007-10-01
1
TOSHIBA Photocoupler GaAs IRED + Photo-Triac
TLP260J
Triac Drivers
Programmable Controllers
AC-Output Modules
Solid-State Relays
The TOSHIBA mini-flat coupler TLP260J is a small-outline coupler
suitable for surface mount assembly.
The TLP260J consists of a photo-triac optically coupled to a gallium
arsenide infrared-emitting diode.
• Peak offstate voltage
: 600 V (min)
• Trigger LED current
: 10 mA (max)
• Onstate current
: 70 mA (max)
• Isolation voltage
: 3000 Vrms (min)
• UL-recognized
: UL1577, file No. E67349
• Option (V4) type
VDE-approved
:EIN EN 60747-5-2 satisfied
Maximum operating insulation voltage :565 VpK
Highest permissible overvoltage
:6000 Vpk
Note: When an EN 60747-5-2 approved type is needed, be sure to specify
“Option (V4)”.
• Construction Mechanical Rating
Creepage distance
: 4.0 mm (min)
Clearance
: 4.0 mm (min)
Insulation thickness
: 0.4 mm (min)
Trigger LED Current
Trigger LED Current (mA)
VT = 6 V, Ta = 25°C
Classification*
Min
Max
Product
Classification
Marking
Standard
10
Blank
Note:
Be sure to use standard product type names when submitting
type names for safety certification testing, i.e., TLP260J.
Unit: mm
TOSHIBA
11
−4C1
Weight: 0.09 g
Pin Configuration
1. Anode
3. Cathode
4. Terminal 1
6. Terminal 2
1
3
6
4


Podobny numer części - TLP260J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
   TOSHIBA Photocoupler GaAs IRED&Photo-triac
More results

Podobny opis - TLP260J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP363J TOSHIBA-TLP363J Datasheet
182Kb / 7P
   GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_07 Datasheet
181Kb / 7P
   GaAs Ired & Photo-Triac
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP360J TOSHIBA-TLP360J_07 Datasheet
158Kb / 6P
   GaAs Ired & Photo-Triac
TLP360JF TOSHIBA-TLP360JF Datasheet
120Kb / 2P
   GaAs Ired & Photo-Triac
TLP363JF TOSHIBA-TLP363JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
   GaAs Ired & Photo−Triac
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com