Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA79L05F Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TA79L05F
Szczegółowy opis  Three-Terminal Negative Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA79L05F Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TA79L05F_06 Datasheet HTML 4Page - Toshiba Semiconductor TA79L05F_06 Datasheet HTML 5Page - Toshiba Semiconductor TA79L05F_06 Datasheet HTML 6Page - Toshiba Semiconductor TA79L05F_06 Datasheet HTML 7Page - Toshiba Semiconductor TA79L05F_06 Datasheet HTML 8Page - Toshiba Semiconductor TA79L05F_06 Datasheet HTML 9Page - Toshiba Semiconductor TA79L05F_06 Datasheet HTML 10Page - Toshiba Semiconductor TA79L05F_06 Datasheet HTML 11Page - Toshiba Semiconductor TA79L05F_06 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TA79L05,06,08,09,10,12,15,18,20,24F
2006-11-02
8
TA79L12F
Electrical Characteristics
(Unless otherwise specified, VIN = 19 V, IOUT = 40 mA, CIN = 0.33 μF, COUT = 0.1 μF,
0°C
Tj 125°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
−12.5
−12.0
−11.5
V
−27 V ≤ VIN ≤ −14.5 V
120
250
Line regulation
Reg·line
1
Tj = 25°C
−27 V ≤ VIN ≤ −16 V
100
200
mV
1.0 mA ≤ IOUT ≤ 100 mA
20
225
Load regulation
Reg·load
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
10
105
mV
−27 V ≤ VIN ≤ −14.5 V,
1.0 mA ≤ IOUT ≤ 40 mA
−12.6
−11.4
Output voltage
VOUT
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 70 mA
−12.6
−11.4
V
Tj = 25°C
3.2
6.5
Quiescent current
IB
1
Tj = 125°C
6.0
mA
ΔIBI
1
−27 V ≤ VIN ≤ −16 V
1.5
Quiescent current change
ΔIBO
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
0.1
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
80
μVrms
Long term stability
ΔVOUT/Δt
1
24
mV/kh
Ripple rejection ratio
R.R.
3
−25 V ≤ VIN ≤ −15 V,
Tj = 25°C, f = 120 Hz
37
42
dB
Dropout voltage
VD
1
Tj = 25°C
1.7
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
1.0
mV/°C


Podobny numer części - TA79L05F_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F Datasheet
509Kb / 15P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

Podobny opis - TA79L05F_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com