Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1274F Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TA1274F
Szczegółowy opis  PIF / SIF SYNCHRONOUS DEMODULATOR IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1274F Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TA1274F_02 Datasheet HTML 1Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 2Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 3Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 4Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 5Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 6Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 7Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 8Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TA1274F
2002-12-20
4
PIN
No.
NAME
FUNCTION
INTERFACE CIRCUIT
8
EQ amplifier input
EQ amplifier inputs.
9
APC filter
Connect a resister (330 Ω) and a
capacitor (0.47 µF) between GND in
series. And connect a capacitor (1000
pF) between this terminal and GND.
Sensitivity of phase detector is 400 µA
/ rad (Typ.), and sensitivity of VCO is
1.8 MHz / V (Typ.).
10
Video output
Connect a resister (1 kΩ) between
GND.
Maximum output current is 10 mA.
11
2 nd SIF output
2 nd SIF signal is outputted from this
terminal.
12
FM demodulating filter
Connect a capacitor (2.2 µF) between
GND.


Podobny numer części - TA1274F_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1274F TOSHIBA-TA1274F Datasheet
555Kb / 18P
   PIF/SIF SYNCHRONOUS DEMODULATOR IC
More results

Podobny opis - TA1274F_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1274F TOSHIBA-TA1274F Datasheet
555Kb / 18P
   PIF/SIF SYNCHRONOUS DEMODULATOR IC
TA1267AF TOSHIBA-TA1267AF Datasheet
959Kb / 22P
   MULTISTANDARD PIF/SIF SYNCHRONOUS DEMODULATOR IC
TA1267AF TOSHIBA-TA1267AF_03 Datasheet
304Kb / 23P
   MULTISTANDARD PIF / SIF SYNCHRONOUS DEMODULATOR IC
TA1267F TOSHIBA-TA1267F Datasheet
165Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(MULTISTANDARD PIF / SIF SYNCHRONOUS DEMODULATOR IC)
TA8700AN TOSHIBA-TA8700AN Datasheet
540Kb / 16P
   PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N Datasheet
838Kb / 21P
   PLL PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N_01 Datasheet
857Kb / 22P
   PLL PIF/SIF IC FOR TV/VTR
TA8701AN TOSHIBA-TA8701AN Datasheet
607Kb / 18P
   PIF/SIF ATT IC FOR TV/VTR
TA7680AP TOSHIBA-TA7680AP Datasheet
435Kb / 17P
   TELEVISION PIF SIF SYSTEM
logo
New Japan Radio
NJM2542 NJRC-NJM2542 Datasheet
97Kb / 6P
   VIF/ SIF DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com