Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1275BFNG Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TA1275BFNG
Szczegółowy opis  SECAM Demodulator Processor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1275BFNG Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TA1275BFNG Datasheet HTML 1Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 2Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 3Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 4Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 5Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 6Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 7Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 8Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TA1275BFNG
2005-03-14
5
Terminal Interface
The equivalent circuit diagrams may be simplified or some parts of them may be omitted for explanatory purposes.
Pin
No.
Pin Name
Function
Interface Circuit
Input/Output Signal
1
SCP IN
The pin for inputting the sand
castle pulse (SCP)
1
18
2
2
Vcc 5 V (Pulse)
VCC pin for logic block
3
N.C. (No Connection) Connect to GND.
4
4.43CW-IN
GATE WIDTH
The pin for inputting 4.43 MHz of
carrier wave for the
selfadjustment circuit. Input a
500 mVp-p sine wave through a
coupling capacitor.
The switch for changing the gate
pulse width is overlaid on this
pin.
+200 nS
:
to VCC thru
33 kΩ
0ns
:
open
−200 nS
:
to GND thru
33 kΩ
4
18
15


Podobny numer części - TA1275BFNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
TA1275 KEC-TA1275 Datasheet
479Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (COLOR TV VERTICAL DEFLECTION OUTPUT, COLOR TV CLASS B SOUND OUTPUT)
logo
Toshiba Semiconductor
TA1275Z TOSHIBA-TA1275Z Datasheet
825Kb / 23P
   SECAM DEMODULATOR PROCESSOR
More results

Podobny opis - TA1275BFNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1275Z TOSHIBA-TA1275Z Datasheet
825Kb / 23P
   SECAM DEMODULATOR PROCESSOR
logo
List of Unclassifed Man...
TCA650 ETC-TCA650 Datasheet
317Kb / 8P
   CHROMINANCE DEMODULATOR FOR SECAM OR PAL / SECAM DECODERS
TDA3590A ETC-TDA3590A Datasheet
1Mb / 15P
   SECAM PROCESSOR CIRCUIT
logo
Mitsubishi Electric Sem...
M52026SP MITSUBISHI-M52026SP Datasheet
870Kb / 13P
   SECAM CHROMA SIGNAL PROCESSOR
M51404AFP MITSUBISHI-M51404AFP Datasheet
289Kb / 10P
   SECAM SYSTEM CHROMA SIGNAL PROCESSOR
logo
STMicroelectronics
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
   BUS-CONTROLLED PAL/SECAM TV PROCESSOR
logo
NXP Semiconductors
TDA9144 PHILIPS-TDA9144 Datasheet
309Kb / 44P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
1996 Jan 17
logo
STMicroelectronics
STV2110A STMICROELECTRONICS-STV2110A Datasheet
378Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
logo
STMicroelectronics
STV2110B STMICROELECTRONICS-STV2110B Datasheet
176Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com