Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1360AFG Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TA1360AFG
Szczegółowy opis  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360AFG Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

Back Button TA1360AFG_05 Datasheet HTML 2Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 3Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 4Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 5Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 6Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 7Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 8Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 9Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
TA1360AFG
2005-08-18
6
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
28
SDA
SDA pin for I
2C BUS
29
NC
This pin is not used.
Connect to GND.
30
SCL
SCL pin for I
2C BUS
31
I
2L VDD
VDD pin for I
2L block. Connects 2
V (typ.).
Supply power via zener diode
through resistor from pin 45. (See
“Application Circuit”)
32
33
NC
This pin is not used.
Connect to GND.
34
DAC1
(SYNC OUT)
Outputs 1-bit DAC or separated
SYNC.
Open-collector output.
DC or SYNC OUT
35
VP OUT
Outputs vertical pulse.
Applying current to this pin,
performs external blanking by
OR-ing with internal blanking.
Note: Changing H-position varies
VP output width. Use the
start phase only for VP
output.
VP output:
V-BLK input current: 780 µA to 1 mA
36
NC
This pin is not used.
Connect to GND.
45
38
35
200 Ω
27
5 V
0 V
Start phase
45
38
34
500
27
45
30
5 kΩ
38
SCL
27
45
28
27
5 kΩ
38
SDA
50 Ω
ACK


Podobny numer części - TA1360AFG_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results

Podobny opis - TA1360AFG_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com