Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1360AFG Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TA1360AFG
Szczegółowy opis  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360AFG Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TA1360AFG Datasheet HTML 1Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 2Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 3Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 4Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 5Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 6Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 7Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 8Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
TA1360AFG
2005-08-18
4
Pin Functions
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
1
80
YS2
(analog OSD)
YS1
(analog OSD)
Switches internal RGB and OSD
input signals.
The blend ratio of internal RGB
and OSD signals can be adjusted
according to applying voltage to
pins YS1 and YS2.
VSM output is muted when YS1 or
YS2 pin is set to High.
YS2 YS1
Blend ratio
Int RGB:
OSD RGB
L
L
10:0
H
L
7:3
L
H
5:5
H
H
0:10
0 to 0.5 V
: Internal
1.1 V to 1.7 V : VSM Mute
2.9 V to 9 V
: OSD, VSM Mute
2
YS3
(analog RGB)
Switches internal RGB and
external analog RGB input.
VSM output is muted when analog
RGB is selected.
0 to 0.5 V : Internal
1.5 V to 9 V : Analog RGB, VSM
Mute
3
NC
This pin is not used.
Connect to GND.
4
6
7
R S/H
G S/H
B S/H
S/H (sample-and-hold) pin.
In ACB Mode, connect 2.2-µF
capacitor. In CUT-OFF Mode,
connect 0.01-µF capacitor.
DC
5
NC
This pin is not used.
Connect to GND.
8
IK IN
Inputs feedback signal from CRT.
(BLK level should be 0 to 3 V.)
When ACB function is not used,
connect this pin to RGB VCC pin.
or RGB VCC
9
NC
This pin is not used.
Connect to GND.
10
RGB GND
GND pin for text/RGB block
11
NC
This pin is not used.
Connect to GND.
1 Vp-p (typ.) R
G
B
0~3 V
16
8
10
1 kΩ
16
10
4
6
7
500
1 kΩ
5 kΩ
16
2
10
300 Ω
300 Ω
16
10
1
80
300 Ω


Podobny numer części - TA1360AFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results

Podobny opis - TA1360AFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com