Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1370FG Arkusz danych(PDF) 11 Page - Toshiba Semiconductor

Numer części TA1370FG
Szczegółowy opis  SYNC Processor, Frequency Counter IC for TV Component Signals
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1370FG Arkusz danych(HTML) 11 Page - Toshiba Semiconductor

Back Button TA1370FG Datasheet HTML 7Page - Toshiba Semiconductor TA1370FG Datasheet HTML 8Page - Toshiba Semiconductor TA1370FG Datasheet HTML 9Page - Toshiba Semiconductor TA1370FG Datasheet HTML 10Page - Toshiba Semiconductor TA1370FG Datasheet HTML 11Page - Toshiba Semiconductor TA1370FG Datasheet HTML 12Page - Toshiba Semiconductor TA1370FG Datasheet HTML 13Page - Toshiba Semiconductor TA1370FG Datasheet HTML 14Page - Toshiba Semiconductor TA1370FG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TA1370FG
2005-09-05
11
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
26
SYNC1-IN
Input Y signal (Note 1) for sync
separation circuit.
Input via clamp capacitor.
White 100%
= 1 Vp−p
or
27
N.C.
Connect to GND.
28
VD1-OUT
VD output pin.
Open collector output.
VD1/VD2 input signals are
output from this pin without
synchronization.
Polarity is switched by BUS
write function.
(Note) When HD PHASE will
be changed, synchronized VD
width will change. Use the start
phase of VD.
or
Note 1: The signal format for SYNC1-IN (pin 26) and SYNC2-IN (pin 24)
525P/60 Hz, 625P/50Hz, 750P/60 Hz, 1125I/60 Hz, 1125I/50 Hz, NTSC Double Scan (525I/120 Hz), PAL/SECAM Double Scan (625I/100 Hz)
This IC doesn’t have the sync-separation circuit for non-standard signals like weak strength signal, ghost signal and so on.
1 k
11
26
5
11
28
18
200
Start phase
Start phase


Podobny numer części - TA1370FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
More results

Podobny opis - TA1370FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AF TOSHIBA-TA1318AF Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TB1305FG TOSHIBA-TB1305FG Datasheet
661Kb / 33P
   Component SW, Sync Separation and H/V Frequency Counter IC for TVs
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
Maxim Integrated Produc...
MAX9568 MAXIM-MAX9568 Datasheet
248Kb / 16P
   Component Analog TV Sync Separator
Rev 1; 12/08
logo
Toshiba Semiconductor
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com