Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1372FNG Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TA1372FNG
Szczegółowy opis  VHF Band RF Modulator IC for VCRs and Set top boxes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1372FNG Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TA1372FNG Datasheet HTML 1Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 2Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 3Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 4Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 5Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 6Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 7Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 8Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TA1372FNG
2003-12-25
4
Pin
No.
Name
DC Voltage
(typ.)
AC Voltage
(typ.)
Interface equivalent circuit
Note
6
Carrier off
mode
selection
H: 5 V
L: 0 V
This terminal is selection of
Carrier off-mode and
Antenna SW driver output.
High : Carrier ON
Antenna SW High
Low or Open : Carrier OFF
Antenna SW Low
7
4 MHz X’tal
4.3 V
(External
input
mode)
2.7 V
(Internal
oscillation
mode)
Note1: Internal oscillation mode OFF
Note2: External input mode OFF
As reference signal, either
4-MHz crystal resonator can
be connected to this pin for
internal oscillation or
external signal can be input.
Reference signal Mode can
be selected pin 1.
8
Channel select
H: 5 V
L: 0 V
This terminal is the
selection of RF VCO
oscillation frequency.
Open or High : USA 3ch
Low : USA 4ch
9
Digital GND
(0 V)
Digital GND
10
P/S ratio
set up
5V
(Pin Open)
P / S ratio is set up by
connecting resistance with
this terminal between GND.
11
Digital Vcc
(5 V)
Digital Vcc
D.VCC
D.GND
6
10 k
0.1 mA
D.VCC
D.GND
7
2 k
2 k
(Note2)
(Note1)
3.6 V
D.VCC
D.GND
8
10 k
80 k
10
A.VCC
A.GND


Podobny numer części - TA1372FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transko Electronics, In...
TA1370BM1 TRANSKO-TA1370BM1 Datasheet
434Kb / 4P
   Wireless, RF SAW Filter
Revision 0: April 2011
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
logo
TAI-SAW TECHNOLOGY CO.,...
TA1375A TAI-SAW-TA1375A Datasheet
417Kb / 7P
   SAW Filter 880 MHz
More results

Podobny opis - TA1372FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Japan Radio
NJM2519A NJRC-NJM2519A Datasheet
135Kb / 8P
   RF Modulator for VHF Band
NJM2536A NJRC-NJM2536A Datasheet
125Kb / 9P
   RF Modulator for VHF Band
logo
Sanyo Semicon Device
LA7160M SANYO-LA7160M Datasheet
39Kb / 3P
   VHF Band RF Modulator
LA7161V SANYO-LA7161V Datasheet
78Kb / 5P
   VHF Band RF Modulator
logo
Texas Instruments
TPS65230 TI-TPS65230 Datasheet
937Kb / 26P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
TPS65230 TI1-TPS65230_15 Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
logo
STMicroelectronics
DTTI5516 STMICROELECTRONICS-DTTI5516 Datasheet
87Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
QAMI5516 STMICROELECTRONICS-QAMI5516 Datasheet
54Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
March 2004
logo
Pulse A Technitrol Comp...
C6026 PULSE-C6026 Datasheet
139Kb / 5P
   DIPLEXERS FOR CABLE MODEMS, SET TOP BOXES AND GATEWAYS
logo
Sanyo Semicon Device
LA77000V SANYO-LA77000V Datasheet
209Kb / 8P
   Monolithic Linear IC VHF Band RF Modulator (US3, 4ch Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com