Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1384FNG Arkusz danych(PDF) 10 Page - Toshiba Semiconductor

Numer części TA1384FNG
Szczegółowy opis  Mixer/Oscillator and PLL IC for TV/VCR Tuner
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1384FNG Arkusz danych(HTML) 10 Page - Toshiba Semiconductor

Back Button TA1384FNG Datasheet HTML 6Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 7Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 8Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 9Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 10Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 11Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 12Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 13Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TA1384FNG
2004/11/24
10
Test Conditions
Conversion Gain (see 1)
RF Input level = -30dBmW (untuned)
Noise Figure (see 2)
Noise figure meter used. Direct reading. (DSB)
IF Output Power Level (see 3)
Measure IF output level when it is maximum level.
Conversion Gain Shift (see 4)
The conversion gain shift is defined as a change in conversion gain when supply voltage varies from Vcc = 5 V to 4.5 V or
from Vcc = 5 V to 5.5 V.
Frequency Shift (the PLL is not operating) (see 5)
The frequency shift is defined as a change in oscillator frequency when supply voltage varies from Vcc = 5 V to 4.5 V or
from Vcc = 5 V to 5.5 V.
1% Cross Modulation (see 6)
fd = fp : (fd input level = -30dBmW)
fud = fp ±12MHz, 100 kHz AM30%
Input two signals, and increase the fud input level.
Measure the fud input level when the suppression level reaches 56.5dB.
3rd Internal Modulation (see 7)
fd = fp : (fd Input level = -35dBmW)
fud = fp ±1 MHz : (fud input level = -35dBmW)
Input two signals, measure the suppression level.
6-ch beat (see 8)
fp = 83.25MHz : (input level = -30 dBmW)
fs = 87.75MHz : (input level = -30 dBmW)
Input two signals, measure the suppression level of the IF / undesired signal.
*Undesired signal = (fp + fs) – fosc = (83.25 + 87.75) – 129 = 42 MHz.


Podobny numer części - TA1384FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pico Technology Ltd.
TA138 PICO-TA138 Datasheet
6Mb / 9P
   Current data logger
logo
TAI-SAW TECHNOLOGY CO.,...
TA1381A TAI-SAW-TA1381A Datasheet
376Kb / 8P
   SAW Filter 978 MHz
logo
Toshiba Semiconductor
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
TAI-SAW TECHNOLOGY CO.,...
TA1386A TAI-SAW-TA1386A Datasheet
460Kb / 8P
   SAW Filter 826.5 MHz
logo
Golledge Electronics Lt...
TA1386A GOLLEDGE-TA1386A Datasheet
167Kb / 6P
   SAW Filter 826.50MHz
More results

Podobny opis - TA1384FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
logo
New Japan Radio
NJM2540 NJRC-NJM2540 Datasheet
122Kb / 8P
   Mixer and Oscillator for TV Tuner
NJM2531A NJRC-NJM2531A Datasheet
113Kb / 8P
   Mixer and Oscillator for TV Tuner
logo
Texas Instruments
SN761672ADAR TI-SN761672ADAR Datasheet
258Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com