Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA4107F Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TA4107F
Szczegółowy opis  1 GHz Band Down Converter Application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4107F Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TA4107F_07 Datasheet HTML 1Page - Toshiba Semiconductor TA4107F_07 Datasheet HTML 2Page - Toshiba Semiconductor TA4107F_07 Datasheet HTML 3Page - Toshiba Semiconductor TA4107F_07 Datasheet HTML 4Page - Toshiba Semiconductor TA4107F_07 Datasheet HTML 5Page - Toshiba Semiconductor TA4107F_07 Datasheet HTML 6Page - Toshiba Semiconductor TA4107F_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TA4107F
2007-11-01
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4107F
1 GHz Band Down Converter Application
CATV Analog/Digital Tuner
Terrestrial Digital TV Tuner
Features
• Low distortion at high RF signal input (IIP3): +13dBmW
• Performance at low Lo signal input: −5dBmW
• Double balanced Mix circuit
• Small package: SM8 (2.9 × 4.0)
• Recommended operating voltage: VCC = 4.25~4.75 V
Pin Connection, Marking
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
5.5
V
Power dissipation
PD (note 1)
375
mW
Operating temperature range
Topr
−40~85
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: When mounted the glass epoxy board of 2.5 cm2
× 1.6 t
Caution
This device is electrostatic sensitivity. Please handle with caution.
Weight: 0.021 g (typ.)
8
5
1
2
4
6
LO (1) VCC
RF (1)
LO (2)
IF (2) IF (1)
3
RF (2)
7
GND
4107F
Type name
Lot No.


Podobny numer części - TA4107F_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
   Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Podobny opis - TA4107F_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LST WALSIN-RFDIP1608060LST Datasheet
598Kb / 7P
   2.4 GHz & 5 GHz Band RF Application
logo
Toshiba Semiconductor
TA4103F TOSHIBA-TA4103F Datasheet
148Kb / 4P
   1.9GHz BAND UP CONVERTER APPLICATION
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2012080AF8Q1C WALSIN-RFBPF2012080AF8Q1C Datasheet
567Kb / 7P
   2.4 GHz ISM Band RF Application
RFLPF2012090K0T WALSIN-RFLPF2012090K0T Datasheet
581Kb / 7P
   5 GHz ISM Band RF Application
RFLPF1005040A27B1U WALSIN-RFLPF1005040A27B1U Datasheet
539Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608050AGT WALSIN-RFBLN1608050AGT Datasheet
623Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPF2008A15T WALSIN-RFBPF2008A15T Datasheet
611Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPF2009A26T WALSIN-RFBPF2009A26T Datasheet
591Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com