Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA4401CT Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TA4401CT
Szczegółowy opis  1.9 ~ 2.5 GHz Band Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4401CT Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TA4401CT Datasheet HTML 1Page - Toshiba Semiconductor TA4401CT Datasheet HTML 2Page - Toshiba Semiconductor TA4401CT Datasheet HTML 3Page - Toshiba Semiconductor TA4401CT Datasheet HTML 4Page - Toshiba Semiconductor TA4401CT Datasheet HTML 5Page - Toshiba Semiconductor TA4401CT Datasheet HTML 6Page - Toshiba Semiconductor TA4401CT Datasheet HTML 7Page - Toshiba Semiconductor TA4401CT Datasheet HTML 8Page - Toshiba Semiconductor TA4401CT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TA4401CT
2007-11-01
4
Block Diagram and Marking (Top View)
Pin Description
Number of pin
Name of pin
Description
1
NC
Not connected to the pellet. Please connect to ground.
2
PIN
RF input. DC block capacitor is built in.
3
NC
Not connected to the pellet. Please connect to ground.
4
NC
Not connected to the pellet. Please connect to ground.
5
VCON12
Control pin of 1
st stage and 2nd stage amplifiers.
6
NC
Not connected to the pellet. Please connect to ground.
7
VCON3
Control pin of 3
rd stage amplifier.
8
NC
Not connected to the pellet. Please connect to ground.
9
NC
Not connected to the pellet. Please connect to ground.
10
VCC3/POUT
Supply pin of 3
rd stage amplifier/RF output pin.
11
NC
Not connected to the pellet. Please connect to ground.
12
NC
Not connected to the pellet. Please connect to ground.
13
NC
Not connected to the pellet. Please connect to ground.
14
VCC2
Supply pin of 2
nd stage amplifier.
15
NC
Not connected to the pellet. Please connect to ground.
16
VCC1
Supply pin of 1
st stage amplifier.
GND_Bed
Ground. This pin also works as heat dissipation pad.
9
1
4
13
5
8
12
16
9
13
1
58
12
16
4
Pin 1 marking
Product name
Lot No.
4401
**


Podobny numer części - TA4401CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allen-Bradley
TA440 ALLEN-BRADLEY-TA440 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
More results

Podobny opis - TA4401CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eudyna Devices Inc
P0531961H EUDYNA-P0531961H Datasheet
118Kb / 6P
   1.9 GHz band Power Amplifier Module
P0511946H EUDYNA-P0511946H Datasheet
413Kb / 5P
   1.9 GHz band Power Amplifier Module
P0531981H EUDYNA-P0531981H Datasheet
99Kb / 6P
   1.9 GHz band Power Amplifier Module
logo
National Semiconductor ...
LMX2119 NSC-LMX2119 Datasheet
122Kb / 6P
   1.9 GHz Power Amplifier
logo
Mitsubishi Electric Sem...
MA1046-1 MITSUBISHI-MA1046-1 Datasheet
26Kb / 1P
   For 1.9 GHz - Power Amplifier
logo
Johanson Technology Inc...
1906BP18A027 JOHANSON-1906BP18A027 Datasheet
107Kb / 2P
   1.9 GHz Band Pass Filter
logo
Mitsubishi Electric Sem...
MGFL45V1920A MITSUBISHI-MGFL45V1920A_11 Datasheet
124Kb / 3P
   1.9-2.0 GHz BAND / 32W
MGFL48V1920 MITSUBISHI-MGFL48V1920_11 Datasheet
321Kb / 5P
   1.9-2.0 GHz BAND / 60W
logo
Johanson Technology Inc...
1906BP18C027 JOHANSON-1906BP18C027 Datasheet
83Kb / 2P
   1.9 GHz Band Pass Filter
logo
NEC
UPC8119T NEC-UPC8119T_02 Datasheet
40Kb / 3P
   1.9 GHz AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com