Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA6038FN Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TA6038FN
Szczegółowy opis  Shock Sensor IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA6038FN Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TA6038FN_03 Datasheet HTML 1Page - Toshiba Semiconductor TA6038FN_03 Datasheet HTML 2Page - Toshiba Semiconductor TA6038FN_03 Datasheet HTML 3Page - Toshiba Semiconductor TA6038FN_03 Datasheet HTML 4Page - Toshiba Semiconductor TA6038FN_03 Datasheet HTML 5Page - Toshiba Semiconductor TA6038FN_03 Datasheet HTML 6Page - Toshiba Semiconductor TA6038FN_03 Datasheet HTML 7Page - Toshiba Semiconductor TA6038FN_03 Datasheet HTML 8Page - Toshiba Semiconductor TA6038FN_03 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TA6038FN/FNG
2003-11-25
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6038FN,TA6038FNG
Shock Sensor IC
TA6038FN/FNG detects an existence of external shock through
the shock sensor and output.
Features
• TA6038FN/FNG operates from 2.7 to 5.5 V DC single power
supply voltage.
• Signal from the shock sensor is amplified according to setting
gain, and is detected through the internal window
comparator.
• TA6038FN/FNG incorporates 1-ch shock detecting circuitry.
• Input terminal of sensor signal is designed high impedance.
Differential input impedance = 100 MΩ (typ.)
• LPF (low pass filter) circuitry is incorporated.
Cut-off frequency of LPF = 7 kHz
• Sensitivity of shock detection can be adjusted by external devices.
• Small package
SSOP10-P-0.65A (0.65 mm pitch)
Block Diagram
Pin Connection (top view)
Weight: 0.04 g (typ.)
OUT
10
DO
AI
AO
VCC
9
8
7
6
SOA
1
2
3
4
5
SIA
SIB
SOB
GND
7
10
6
VCC
5
1
2
Comparator
+
Comparator
+
OPAMP
OPAMP
1.7 V
REF
1.3 V
0.9 V
3
9
C1
C2
R1
50 M
50 M
C3
4
DIFF
×5
& LPF
7 kHz
OP-AMP
+
8
C4
R2


Podobny numer części - TA6038FN_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA6038FN TOSHIBA-TA6038FN Datasheet
166Kb / 10P
   SHOCK SENSOR IC
More results

Podobny opis - TA6038FN_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA6039FN TOSHIBA-TA6039FN Datasheet
174Kb / 11P
   Shock Sensor IC
TB6066FNG TOSHIBA-TB6066FNG Datasheet
242Kb / 14P
   Shock Sensor IC
TA6038FN TOSHIBA-TA6038FN Datasheet
166Kb / 10P
   SHOCK SENSOR IC
logo
Rohm
BD3852MUZ-Z ROHM-BD3852MUZ-Z Datasheet
1Mb / 17P
   Shock Sensor (Impact Sensor) IC
logo
Toshiba Semiconductor
TA8564FN TOSHIBA-TA8564FN Datasheet
319Kb / 8P
   SHOCK SENSOR IC (2ch VERSION)
TA6009FN TOSHIBA-TA6009FN Datasheet
247Kb / 7P
   SHOCK SENSOR IC (1ch VERSION)
TA8563FN TOSHIBA-TA8563FN Datasheet
295Kb / 7P
   SHOCK SENSOR IC (1ch VERSION)
TA8578FN TOSHIBA-TA8578FN Datasheet
257Kb / 7P
   SHOCK SENSOR IC (1ch VERSION)
logo
Rohm
BD3893FV ROHM-BD3893FV Datasheet
225Kb / 3P
   Shock Sensor Signal Processing IC
logo
Toshiba Semiconductor
TA6009FN TOSHIBA-TA6009FN_03 Datasheet
233Kb / 11P
   Shock Sensor IC (1 ch version)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com