Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESCA-1500 Arkusz danych(PDF) 3 Page - Astrodyne Corporation

Numer części ESCA-1500
Szczegółowy opis  15W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-1500 Arkusz danych(HTML) 3 Page - Astrodyne Corporation

  ESCA-1500 Datasheet HTML 1Page - Astrodyne Corporation ESCA-1500 Datasheet HTML 2Page - Astrodyne Corporation ESCA-1500 Datasheet HTML 3Page - Astrodyne Corporation ESCA-1500 Datasheet HTML 4Page - Astrodyne Corporation ESCA-1500 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
15W Ultraminiature Encapsulated Switching Power Supplies
E C A - 1 5 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
20A@100V, 40A@200V Input *
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (20%-FL)
Singles: +/- 3%, Duals: +/- 3%
Line Regulation
Singles +/- 0.1~1%, typ
Duals +/- 0.3~1%, typ
Cross Regulation (Duals)
2%
Preset Accuracy
1%
DC Voltage Adjust (typ)
+/- 10% of FS (Primary)
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise
100mV Pk-Pk, typ
Over Voltage Protection
Clamp, 130-150% *
Over Temp. Protection
Latching, Cool and Repower
Short Circuit Protection
Continuous, self-recovering
Hold Up Time
20 mS, typ
GENERAL SPECIFICATIONS
Input-Out Isolation
3KVAC, (4KVAC Medical)
I/P-Ground
2500VAC
O/P-Ground
1000VAC
Efficiency
75%~78%, typ
Switching Frequency
100Khz, (fixed, typical)
Safety
Commercial
UL/EN60950-1, IEC60950
Medical
UL/EN60601-1, IEC60601
PHYSICAL SPECIFICATIONS
Size
PCB Mount
2.75L” x 1.89W” x 0.93H”
Chassis Mount
3.96L” x 2.16W” x 1.0H”
Case Material
Rynite, 94V-0 Rated
Construction
Encapsulated. Soft Pot
Weight PCB / CHA
5.6 oz (158g) / 8.9 oz (250g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +70°C (See Derate)
Storage Temperature
-25 to +71°C *
Relative Humidity
0 to + 95%, non-cond *
EMC / EMI
FCC/A, VDE 0871/A , CISPRB
MTBF
(Mil Std 217, 25°C)
559,000 Hrs
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Podobny numer części - ESCA-1500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0102 ASTRODYNE-ESCA-0102 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

Podobny opis - ESCA-1500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com